Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 2 Page - STMicroelectronics

  MTC20154 Datasheet HTML 1Page - STMicroelectronics MTC20154 Datasheet HTML 2Page - STMicroelectronics MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MTC20154
2/21
Functional Description
The MTC20154 chip can be used on the ATU-C side (LT), and on the ATU-R (NT) side (defined by LTNT
pin). The selection consists mainly of a filter interchange between the RX and TX path. The filters (with a
programmable cutoff frequency) use automatic continuous time tuning to avoid time varying phase char-
acteristics which can be of dramatic consequence for DMT modems. It requires few external components,
uses a 3.3 V supply and is packaged in a 64 pins TQFP in order to reduce PCB area.
The Receiver (RX)
The DMT signal coming from the line to the MTC20154 is first filtered by the two following external filters:
– POTS HP filter: Attenuation of speech and POTS signalling.
– Channel filter: Attenuation of echo signal to improve RX dynamic.
The signal is amplified by a low noise gain stage (-15..+31 dB) then low-pass filtered to avoid anti-aliasing
and to ease further digital processing by removing unwanted high frequency out-of-band noise.
A 12 bits A/D converter samples the data at 8.832 MS/s, transforms the signal into a digital representation
and sends it to the DMT signal processor via the digital interface.
The Transmitter (TX/TXE)
The 12 bits data at 8.832 Ms coming from the DMT signal processor through the digital interface are trans-
formed by a D/A converter into an analog signal. This signal is then filtered to decrease DMT sidelobes
levels and meet the ANSI transmitter spectral response but also to reduce the out-of-band noise (which
can be echoed to the RX path) to an acceptable level. The pre-driver buffers the signal for the external
line driver and in case of short loops provide attenuation provision (-9..+6 dB).
The VCXO
The VCXO is divided in a XTAL driver and an auxilliary 8 bits DAC for timing recovery.
The XTAL driver is able to operate at 35.328 MHz or 17.664 MHz. An internal PLL will be used to double
the frequency in the 17.664 MHz case. It also provides an amplitude regulation mechanism to avoid tem-
perature/-supply/technology dependent frequency pulling.
The DAC which is driven by the CTRLIN pin provides a current output with 8 bits resolution and can be
used to tune the XTAL frequency with the help of external components. A time constant between DAC
input and VCXO output can be introduced (via the CTRLIN interface) and programmed with the help of an
external capacitor (on VCOCAP pin).
The Digital Interface
The digital part of the MTC20154 can be divided into two parts: The data interface converts the multiplexed
data from/to the DMT signal processor into a valid representation for the TX DAC and RX ADC. The con-
trol interface allows the board processor to configure the MTC20154 paths (RX/TX gains, filter band, ...)
or settings.
Package
The MTC20154 is housed in a 64-pin TQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com