Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics MTC20154 Datasheet HTML 19Page - STMicroelectronics MTC20154 Datasheet HTML 20Page - STMicroelectronics MTC20154 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MTC20154
18/21
Receive / Transmit Interface Timing
This interface is a triple (RX,TX, TXE) nibble-serial interface running at 8.8 MHz sampling (normal mode).
The data are represented in 16 bits format, and transferred in groups of 4 bits (nibbles). The LSBs are
transferred first. The MTC20154 generates a nibble clock (= master clock in normal mode, CLKNIB in
OSR = 2 mode) and word signals shared by the three interfaces.
Data is transmitted on the rising edge of the master clock (CLKM/CLKNIB) and sampled on the low going
edge of CLKM/CLKNIB. This holds for the data stream from MTC20154 and from the digital processor.
Data, CLWD setup and hold times are 5 ns with reference to the falling edge of CLKM/CLKNIB.
RXD is sampled with CLKM rising edge.
Figure 12. TX/TXE/RX Digital Interface Timing
Power Down
The MTC20154 is placed in power-down mode when the PD pin is high. The system specifications are
requiring different behavior of the MTC20154 under power down mode according to the fact that the
MTC20154 is used at the LT or the NT side. The chip status is depicted in the following table:
Table 23. Power Down
Power down LT side
Power down NT side
CLKM pin is replicating the XTALO input clock
(no crystal used at LT side). System clock available
CLKWD is generated.
Digital blocks active
Analog TX path is in powerdown
External driver is forced to power UP
Crystal driver + VCODAC are active
CLKWD is generated.
Digital blocks active, except for RX–I/O’s – they are at low lovel
Analog RX & TX are in powerdown
External driver is forced to power DOWN
CLKM
35.328 MHz
CLWD
8.832 MHz
TXDx/RXDx
N0
N1
N2
N3
CLKNIB
17.664 MHz
CLWD
4.416 MHz
TXDx/RXDx
N0
N1
OSR=2
N2
N3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com