Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
MTC20154
Table 12. Linearity of ATU-R-RX
Table 13. Linearity of ATU-C-RX
A/D Converter
A pipeline architecture is used for the A/D converter.
Table 14. A/D Converter specifications
Power Supply Rejection
The noise on the power supplies for the RX-path must be lower than the following: < 50 mVrms in-band
white noise for any AVDD.
Figure 7. Power Supply Rejection
f1 (0.5 Vpd)
f2 (0.5 Vpd)
300 kHz
200 kHz
500 kHz
400 kHz
700 kHz
600 kHz
S/IM3
(AGC = 0 dB)
59.5 dB @100 kHz
53.5 dB @400 kHz
43.5 dB @700 kHz
42.5 dB @800 kHz
59.5 dB @300 kHz
48.0 dB @600 kHz
48.0 dB @500 kHz
42.5 dB @800 kHz
f1 (0,5 Vpd)
80 kHz
f2 (0,5 Vpd)
70 kHz
S/IM3
56.5 dB @60 kHz
(AGC = 20 dB)
56.5 dB @90 kHz
Number of bits:
13 bits
Minimum resolution of the A/D converter
11 bits
Linearity error of the A/D converter (range: -6 dB FS)
< 4 LSB (out of 13 bits)
Full scale input range:
1.1 Vpdif (+- 5 % @ 3.3 V)
Sampling rate:
8.832 MHz
Maximum attenuation at 1.1 MHz:
< 0.5 dB without in-band ripple
Latency:
5 sampling clock periods
1k
-40
dB
Hz
-50
-60
-70
10k 100k 1M 10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com