Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 3 Page - STMicroelectronics

  MTC20154 Datasheet HTML 1Page - STMicroelectronics MTC20154 Datasheet HTML 2Page - STMicroelectronics MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
MTC20154
Pin Assignement
Table 1. Pinning Description MTC20154 AFE
Pin
Name
Description
Connection
Type
Dir.
Main
characteristics
Digital interface
64
DVSS
Negative supply for input I/Os + core
Dig supply
Direct
Bi
Z = 0
≅ Ω
1
TX3
Transmit data bus bit 3 (MSB)
MTC20156/146/147
Schmitt In
high Z
2
TX2
Transmit data bus bit 2
MTC20156/146/147
Schmitt In
high Z
3
TX1
Transmit data bus bit 1
MTC20156/146/147
Schmitt In
high Z
4
TX0
Transmit data bus bit 0 (LSB)
MTC20156/146/147
Schmitt In
high Z
5
CTRLIN
Serial control interface input
MTC20156/146/147
Schmitt In
high Z
6
DVDD
Positive supply for input I/Os + core
Dig supply
Direct
Bi
Z = 0
≅ Ω
7
DVDD
Positive supply for output I/Os
Dig supply
Direct
Bi
Z = 0
≅ Ω
8
CLKM
Master clock output
System
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
9
CLKWD
Word clock output
System
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
10
RX3
Receive data bus bit 3 (MSB)
MTC20156/146/147
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
11
RX2
Receive data bus bit 2
MTC20156/146/147
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
12
RX1
Receive data bus bit 1
MTC20156/146/147
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
13
RX0
Receive data bus bit 0 (LSB)
MTC20156/146/147
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
14
PD
General power down
System
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
15
DVSS
Negative supply for output I/Os
Dig supply
Direct
Bi
Z = 0
≅ Ω
16
RESET
General reset (active low)
System
Schmitt In
High Z
Analog interface
17
AVSSADC
ADC analog negative supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
18
DRVSD
External TX driver shutdown
TX driver
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
19
DRV1
External TX driver bias control MSB
TX driver
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
20
DRV0
External TX driver bias control LSB
TX driver
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
22
VREF
ADC virtual ground decoupling
C network
Analog
Bi
NoDC current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com