Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MTC20154
12/21
Table 10. LNA characteristics
RX Filters
The combination of the external filter (an LC ladder filter typically) with the integrated lowpass filter pro-
vides:
– echo reduction to improve dynamic range
– DMT sidelobe and out of band (anti-aliasing) attenuation.
– Anti alias filter (60 dB rejection @ image freq.)
ATU-R-RX filters
The integrated filter characteristics are shown in table 6.
ATU-C-RX Filter
This filter is the same as the one used for ATU-R_TX.
Linearity of RX
Linearity of the RX analog path is defined by the IM3 product of two sinusoidal signals with frequencies f1
and f2 and each with 0.5 Vpd amplitude (total _1 Vpd) at the output of the RX-AGC amplifier (i.e: before
the ADC) for the case of minimal AGC setting.
Table 11. Integrated filter characteristics ATU-R-RX
Data
Min
Typical
Max
Unity
Input common mode voltage
–
AVDD/2
–
V
Input differential voltage
–
1
–
Vpdiff
Maximum peak input differential voltage
–
1
–
Vpdiff
Output common mode voltage
–
AVDD/2
–
V
Maximum peak output differential voltage
–
1
–
Vpdiff
Amplification step
0.7
1
1.3
dB
Amplification range
0
–
+31
dB
Input refered noise at max gain,
5.5
6.5
8
nV/
√Hz
min atten. (over a 36 kHz to 1.1 MHz band)
Power consumption
–
32
–
mW
Digital interface
–
5
–
bits
Digital code
’00000’
–> 0 dB
amplification
’11111’
–> +31 dB
amplification
Description
Value/Units
Type
4th order butterworth
Cut-off frequency
1.104 MHz (f0)
Max. in-band ripple
0-2 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com