Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics MTC20154 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
MTC20154
Linearity of ATU-C-TX
Linearity of the TX is defined by the IM3 product of two sinusoidal signals with frequencies f1 and f2 and
each with 0.25 Vpd amplitude (-6 dB FS) at the output of the pre-driver for the case of a total AGC = 0 dB.
Table 18. Linearity of ATU-C-TX
Table 19. Linearity of ATU-R-TX
Power Supply Rejection
The noise on the power supplies for the TX-path must be lower than the following: < 50 mVrms in band
white noise for AVDD.
< 15 mVrms in band white noise for Pre-driver AVDD.
Voltage Controlled Crystal Oscillator
A voltage controlled crystal oscillator driver is integrated in the MTC20154. Two nominal frequencies can
be used: 35.328 MHz or 17.664 MHz. The quartz crystal is connected between the pins XTALI and XTA-
LO.
The principle of the VCXO control is depicted on the figure beside.
Figure 8. Principle of the VCXO control (ATU-R)
f1 (0.25 Vpd)
f2 (0.25 Vpd)
300 kHz
200 kHz
500 kHz
400 kHz
700 kHz
600 kHz
S/IM3
(AGC = 0 dB)
59.5 dB @100 kHz
53.5 dB @400 kHz
43.5 dB @700 kHz
42.5 dB @800 kHz
59.5 dB @300 kHz
45.0 dB @600 kHz
48.0 dB @500 kHz
42.5 dB @800 kHz
f1 (0.25 Vpd)
80 k
f2 (0.25 Vpd)
70 k
S/IM3 (AGC = 0 dB)
59.5 dB (60 k/90 k)
AVDD
AVDD
AVDD/22 -> AVDD/2
VCOCAP
IVCO
MTC-20154
Ron=200
Ω
VCXOUT
AGND
R1
Rref
-15V
XTAL1
XTAL0
Ct
500k
Ω
+/- 30%
DAC
CTRLIN
8
Freq.
doubler
MUX
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com