Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
MTC20154
MTC20154 RX PATH
Speech Filter
An external bidirectional LP filter for up and downstream POTS service splits out the speech signal to the
analog telephone circuit on both the NT and LT sides of the line. The ADSL analog front end integrated
circuit does not contain any circuitry for the POTS service but guarantees that the POTS bandwidth is not
disturbed by spurious signals from the ADSL spectrum.
Channel Filters
The purpose of these external analog circuits is to provide partial echo cancellation by analog filtering of
the receive signal for both ATU-R (reception of downstream channel) and ATU-C (reception of upstream
channel). This is feasible because the upstream and the downstream data can be modulated on separate
carriers (FDM).
Signal Attenuator (ATT) and Low Noise Amplifier
The attenuator needs to be DC decoupled from the external circuitry. In fact, it is also used to internally fix
the LNA input common mode voltage at the nominal value: AVDD/2. This is done by the use of an internal
biasing circuit. It is therefore mandatory to decouple the MTC20154 input from any external DC biasing
system. The Low Noise Amplifier (LNA) placed after the ATT will be used in combination with the attenu-
ation block. The goal is to obtain a range of RX path input level varying from –15 dB to 31 dB, while main-
taining the noise contribution negligible.
Figure 6. Signal Attenuator (ATT) and Low Noise Amplifier
The input attenuator will have the following characteristics
Table 9. Attenuator Characteristics
Data
Min
Typical
Max
Unity
Input type
AC only, DC decoupled
–
Common mode voltage (forced)
–
VDD/2
–
V
Maximum input differential voltage
–
VDD
VDD+1Vd
Vpdiff
Input impedance
10
14.47
19
KOhms
Attenuation step
–
5
–
dB
Attenuation range
0
–
–
15
dB
Maximum attenuation error
–
.05
–
dB
Digital interface
–
2
–
bits
Digital code
‘11’ –> 0 dB attenuation
’00’ –> –15 dB attenuation
Gain
RXP
RXN
Attenuator
MTC-20154
Vref
5
Attenuation
2
LNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com