Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MTC20154
8/21
Analog TX/RX Signals
The reference impedance for all power calculations is 100
Ω.
DMT Signal
A DMT signal is basically the sum of N independently QAM modulated signals, each carried over a distinct
carrier. The frequency separation of each carrier is 4.3125 KHz with a total number of 256 carriers (ANSI).
For large N, the signal can be modelled by a gaussian process with a certain amplitude probability density
function. Since the maximum amplitude is expected to arise very rarely, the signal is clipped to trade-off
the resulting SNR loss against AD/DA dynamic range.
A clipping factor (Vpeak/Vrms = ”crest factor”) of 5 is used resulting in a maximum SNR of 75 dB. ADSL
DMT signals are nominally sent at -40 dBm/Hz +/- 3 dB (-3.65 dBm/carrier) with a maximal power of 100
mW for downlink transmitter and 4.5 mW for uplink transmitter.
The minimum SNR+D needed for DMT carrier demodulation is about (3*N+20) dB with a minimum of 38
dB where N is the constellation size of a carrier (in bits).
Table 7. Signal Levels (on the line)
Table 8. Total Signal Level (on the line)
LT side
NT side
Description
RX
TX
RX
TX
Max level
839 mVpdif
15.8 Vpdif
3.95 Vpdif
3.4 Vpdif
Max RMS level
168 Vrms
3.16 Vrms
791 mVrms
671 mVrms
Min level
54 mVpdif
3.95 Vpdif
42 mVpdif
839 mVpdif
Min RMS level
11 mVrms
791 mVrms
8 mVrms
168 mVrms
LT side
NT side
Description
RX
RX
Max level for receiver
4 Vpdif (Long line)
4.2 Vpdif (Short line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com