Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
MTC20154
ATU-C Side Block Diagram
The transformer at the ATU-C side has a 1:2 ratio. The termination resistors are 12.5
Ω in case of 100Ω
lines. The hybrid bridge resistors should be < 2.5 k
Ω for low-noise.
An HP filter must be used on the TX path to reduce DMT sidelobes and out-of-band noise influence on the
receiver.
On the RX path, a LP filter must be used in order to reduce the echo signal level and to avoid saturation
of the input stage of the receiver.
The POTS filter is used in both directions to reduce crosstalk between ADSL signals and POTS speech
and signalling.
Figure 4. ATU-C AFE Schematics (For detailed schematics see MTB-20150-EBC reference design.)
Gtx
line driver
Pots Filter
LP
Pots Filter
POTS
H
P
F
TXP
TXN
RXT1
RXT2
P.D.
-g..+6db
-15.. 31db
LP 1.1 MHz
LP 138 KHz
MTC-20154
VCODAC
VCXO
35.328 MHz or 17.664 MHz
LNA
D/A
convertor
D/A
convertor
12bits
8.832 MS/s
4.416 MS/s
4
RESETN
LTNT=1
CTRLIN
4
13bits
8.832 MS/s
4.416 MS/s
Master clock 35.328 MHz
Nibbles 17.664 MHz
Word 8.832/4.416 MHz
L
P
F
RXN [0:1]
RXP [0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com