Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 19 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics MTC20154 Datasheet HTML 19Page - STMicroelectronics MTC20154 Datasheet HTML 20Page - STMicroelectronics MTC20154 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
MTC20154
Reset Function
The MTC20154 is placed in reset mode when the RESETN pin is pulled to ground (active low signal). The
system specifications are requiring different behavior of the MTC20154 under reset mode according to the
fact that the MTC20154 is used at the LT or the NT side. The chip status is depicted in the following table:
Table 24. Reset Function (N.B. The reset signal is dominant over the powerdown signal.)
Reset LT side
CLKM pin is replicating the XTALO input clock
(no crystal used at LT side). System clock available
CLKWD is not generated. The pin stays at high level.
Digital blocks are in reset: no activity
Analog blocks are in powerdown
External driver is forced to powerdown
Reset NT side
Crystal driver in power down: no CLKM signal available.
No system clock avail-able.
CLKWD is not generated. The pin stays at high level
Digital blocks are in reset: no activity
Analog blocks are in powerdown
External driver is forced to powerdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com