Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics MTC20154 Datasheet HTML 10Page - STMicroelectronics MTC20154 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
MTC20154
Operating Conditions
Unless specified, the characteristic limits of ’Static characteristics’ in this document apply for the following
operating conditions:
Table 3. Operating conditions
Static Characteristics
Digital Inputs
Schmitt-trigger inputs: TXi, CTRLIN, PDOWN, LTNT, RESETN, TEST
Table 4. Digital Inputs
Digital Outputs
Hard driven outputs: RXi, CLKWD, GPI, DRVI, DRVSD
Table 5. Digital Outputs
Clock Driver output: CLKM
Table 6. Clock Driver output
Symbol
Parameter
Min.
Max.
Unit
AVDD
AVDD supply voltages, related to substrate
3.0
3.6
V
DVDD
DVDD supply voltages, related to substrate
2.7
3.6
V
Vin, Vout
Voltage at any input and output pin
0
VDD
V
Tamb
Ambient Temperature - I version
-40
85
°C
Tamb
Ambient Temperature - C version
0
70
°C
Symbol
Parameter
Min.
Max.
Unit
VIL
Low level input voltage
0.2*DVDD
V
VIH
High level input voltage
0.8*DVDD
V
VH
Hysteresis
1.0
1.3
V
Cinp
Input capacitance
3
pF
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VOL
Low level output voltage
Iout = -4 mA
.15*DVDD
V
VOH
High level output voltage
Iout = 4mA
.85*DVDD
V
Cload
Load capacitance
30
pF
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VOL
Low level output voltage
Iout = -4 mA
.15*DVDD
V
VOH
High level output voltage
Iout = 4mA
.85*DVDD
V
Cload
Load capacitance
30
pF
Dcycle
Duty cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com