Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 4 Page - STMicroelectronics

  MTC20154 Datasheet HTML 1Page - STMicroelectronics MTC20154 Datasheet HTML 2Page - STMicroelectronics MTC20154 Datasheet HTML 3Page - STMicroelectronics MTC20154 Datasheet HTML 4Page - STMicroelectronics MTC20154 Datasheet HTML 5Page - STMicroelectronics MTC20154 Datasheet HTML 6Page - STMicroelectronics MTC20154 Datasheet HTML 7Page - STMicroelectronics MTC20154 Datasheet HTML 8Page - STMicroelectronics MTC20154 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MTC20154
4/21
23
VRAN
ADC negative reference decoupling
C network
Analog
Bi
NoDC current
24
VRAP
ADC positive reference decoupling
C network
Analog
Bi
NoDC current
25
AVDDADC
ADC analog positive supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
29
AVDD
TXDRV
Internal TX pre--driver positive
supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
30
TXN
Analog TX signal negative output
(diff)
TX output
Analog
Out
V com = VDD/2
31
TXP
Analog TX signal positive output (diff) TX output
Analog
Out
V com = VDD/2
32
AVSS
TXDRV
Internal pre--driver negative supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
33
GP3
Analog general purpose control pin
Board
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
34
GP2
Analog general purpose control pin
Board
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
35
GP1
Analog general purpose control pin
Board
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
36
GP0
Analog general purpose control pin
Board
Tristate
Out
Imax = 4 mA
Cmax = 100 pF
39
AVDDFILT
Filter analog positive supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
40
AGND
Analog virtual ground
C network
Analog
Bi
NoDC current
43
AVSSFILT
Filter analog negative supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
44
AVSSLNA
LNA analog negative supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
48
AVDDLNA
LNA analog positive supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
50
RXN
Analog RX signal negative input (diff) RX input
Analog
In
V com forced at
VDD/2
51
RXP
Analog RX signal positive input (diff)
RX input
Analog
In
V com forced at
VDD/2
52
XTAL
bypass
Crystal oscillator bypass selection
pin
Strap
Schmitt In
High Z
53
PLL
PLL enable/disable selection pin
Strap
Schmitt In
High Z
54
DACVREF
DAC voltage reference decoupling
C network
Analog
Bi
NoDC current
55
AVDDDAC
DAC analog positive supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
56
AVDD XTAL
Crystal driver analog positive supply
Ana supply
Direct
Bi
Z = 0
≅ Ω
57
XTALO
Crystal driver connection 1
Crystal
Analog
Bi
X cap sensitive
58
XTALI
Crystal driver connection 2
Crystal
Analog
Bi
X cap sensitive
Table 1. Pinning Description MTC20154 AFE (continued)
Pin
Name
Description
Connection
Type
Dir.
Main
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com