Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20154 Datasheet(PDF) 16 Page - STMicroelectronics

Part # MTC20154
Description  INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20154 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MTC20154 Datasheet HTML 12Page - STMicroelectronics MTC20154 Datasheet HTML 13Page - STMicroelectronics MTC20154 Datasheet HTML 14Page - STMicroelectronics MTC20154 Datasheet HTML 15Page - STMicroelectronics MTC20154 Datasheet HTML 16Page - STMicroelectronics MTC20154 Datasheet HTML 17Page - STMicroelectronics MTC20154 Datasheet HTML 18Page - STMicroelectronics MTC20154 Datasheet HTML 19Page - STMicroelectronics MTC20154 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MTC20154
16/21
The crystal’s exact oscillation frequency can be tuned around the nominal frequency. This is needed in
order to allow the system to minimize the clock phase shift between the LT and the NT modems. The in-
formation coming from the digital processor via the CTRLIN path is used to drive a 8 bits DAC (resistor
ladder architecture) which generates a control current. This current is externally converted and filtered to
generate the required control voltage for the varicap. The VCXO characteristics are given in the following
table.
Table 20. VCXO characteristics
PLL Based Frequency Doubler
Dual crystal frequency can now be used needed when a 17.644 MHz crystal with the MTC20154 on–board
crystal
is used. A frequency doubler, build driver. However, a master clock
up around a Phase Locked
Loop (PLL), frequency of 35.328 MHz is still
will then be used.
Digital Interface
Control Interface
The digital code setting for the MTC20154 configuration is sent over a serial line (CTRLIN) using the word
clock (CLWD). The data burst is composed of 16 bits from which the first bit is used as start bit (’0’), the
three LSBs being used to identify the data contained in the 12 remaining bits. Test related data are latched
but they are overruled by the normal settings if the TEST pin is low.
Control Interface Timing
The control interface bits are considered valid on each positive edge of the master clock (CLKM). They
will be sampled at this moment. The stop bit will trigger the internal data validation. The timing require-
ments are depicted in the following figure and table:
Figure 9. Control Interface Timing diagram
Data
Min
Typical
Max
Unity
Needed crystal accuracy
50
–
–
ppm
Needed crystal frequency tuning range
100
–
–
ppm
DAC resolution
-
8
-
bit
DAC output voltage range
–
AVDD/2
–
V
DAC differential non linearity error
–
–
1.5
LSB
DAC integrated non linearity error
–
–
4
LSB
VCXO nominal output current
(Rref = 16.5 K AVDD = 3.3 V)
95
100
105
mA
Power consumption
–
.225
–
mW
CLKM
CLKWD
CTRLIN
Start
bit
Th
ctrl data bits
ctrl cmd bits 1 stop bit (high)
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com