Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 4Page - Linear Technology LTC4221IGN Datasheet HTML 5Page - Linear Technology LTC4221IGN Datasheet HTML 6Page - Linear Technology LTC4221IGN Datasheet HTML 7Page - Linear Technology LTC4221IGN Datasheet HTML 8Page - Linear Technology LTC4221IGN Datasheet HTML 9Page - Linear Technology LTC4221IGN Datasheet HTML 10Page - Linear Technology LTC4221IGN Datasheet HTML 11Page - Linear Technology LTC4221IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC4221
4221f
PI FU CTIO S
ON1 (Pin 1): System/Channel 1 On Input. Both GATE pins
are pulled low by internal 100µA pull-downs and the
FAULT latch is reset when VON1 < 0.4V. When 0.425V <
VON1 < 0.821V, the FAULT latch is released from reset.
When VON1 > 0.851V, GATE1 ramps up after an initial
timing cycle.
VCC1 (Pin 2): Channel 1 Positive Supply Input. It powers
all the internal circuitry. VCC1 can range from 2.7V to 13.5V
for normal operation but it must be ≥VCC2. An undervolt-
age lockout circuit disables both channels whenever the
voltage at VCC1 is less than 2.5V.
SENSE1 (Pin 3): Channel 1 Current Sense Input. A sense
resistor RSENSE1 is placed in the supply path between VCC1
and SENSE1 to sense channel 1 load current. If VRSENSE1
exceeds 100mV for more than 1µs or 25mV for an adjust-
able time (set by the CFILTER), the FAULT latch is set and
fast pull-down circuits are triggered to discharge both
GATEs low. During the start-up cycle, GATE1 ramp-up is
controlled to servo VRSENSE1 ≤ VSENSE(ACL). VSENSE(ACL)
increases from 9mV to 25mV as VFB1 ramps from 0V to
0.5V. To disable the current limit and circuit breaker
function for channel 1, tie SENSE1 to VCC1.
GATE1 (Pin 4): Channel 1 Gate Drive. This pin is the high
side gate drive of an external N-channel MOSFET. When
VON1 < 0.821V, GATE1 is held low by a 100µA current
source. When VON1 > 0.851V, an initial timing cycle is
followed by a start-up cycle when an internal charge pump
provides a 9.5µA pull-up to ramp up GATE1 with inrush
current limiting. UVLO, overvoltage, overcurrent and ex-
ternally generated faults override the ON1 pin and pull
GATE1 low.
FB1 (Pin 5): VOUT1 Feedback Input. FB1 monitors the
channel 1 output voltage with an external resistive divider.
When VFB1 < 0.617V, the PWRGD1pin is pulled low. When
VFB1 > 0.822V, overvoltage is detected, the FAULT latch is
set and both GATEs are pulled low. The FB1pin is also used
to control the channel 1 current limit during its start-up
cycle.
PWRGD1 (Pin 6): Channel 1 Power Good Output. PWRGD1
is pulled low when VFB1 < 0.617V, during the initial timing
cycle or when the chip is in UVLO. An external pull-up is
required to generate a logic high at the open-drain PWRGD1
pin.
TYPICAL PERFOR A CE CHARACTERISTICS
VPWRGD(OL)/VFAULT(OL)
vs Temperature
tp(SC-FAULT) vs Temperature
TEMPERATURE (°C)
–50
0.500
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0
0
50
75
4221 G37
–25
25
100
125
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V, IPWRGD/IFAULT = 1.6mA
TEMPERATURE (°C)
–50
16
17
18
25
75
4221 G38
15
14
–25
0
50
100
125
13
12
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
TIMER = 0.5V
TEMPERATURE (°C)
–50
1.4
1.6
1.8
25
75
4221 G39
1.2
1.0
–25
0
50
100
125
0.8
0.6
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
TIMER = 0.5V
tp(FC-GATE) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com