Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC4221IGN Datasheet HTML 1Page - Linear Technology LTC4221IGN Datasheet HTML 2Page - Linear Technology LTC4221IGN Datasheet HTML 3Page - Linear Technology LTC4221IGN Datasheet HTML 4Page - Linear Technology LTC4221IGN Datasheet HTML 5Page - Linear Technology LTC4221IGN Datasheet HTML 6Page - Linear Technology LTC4221IGN Datasheet HTML 7Page - Linear Technology LTC4221IGN Datasheet HTML 8Page - Linear Technology LTC4221IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC4221
4221f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VON(OFF)
ON
n Off Threshold
High to Low, GATE
n Turns Off by 100µA
●
0.796
0.821
0.846
V
Pull-Down
∆VON(OFFHYST)
ON
n Off Threshold Hysteresis
30
mV
IFB(IN)
FB
n Input Current
0V ≤ VFBn ≤ VCCn
●
±0.01
±1
µA
VFB(UV)
FB
n Undervoltage Threshold
FB
n Falling
●
0.605
0.617
0.629
V
∆VFB(UVHYST)
FB
n Undervoltage Threshold Hysteresis
3
mV
∆VFB(LREG)
FB
n Threshold Line Regulation
2.7V ≤ VCC1 ≤ 13.5V
2
mV
VFB(OV)
FB
n Overvoltage Threshold
FB
n Rising
●
0.805
0.822
0.838
V
IFILTER(UP)
FILTER Pull-Up Current
During Current Fault Condition
●
–80
–105
–132
µA
IFILTER(DN)
FILTER Pull-Down Current
During Normal Cycle
●
1.15
1.8
2.45
µA
VFILTER(TH)
FILTER Threshold
Latched Off Threshold, FILTER Rising
●
1.18
1.24
1.30
V
∆VFILTER(HYST)
FILTER Threshold Hysteresis
105
mV
ITMR(UP1)
TIMER Pull-Up Current 1
Initial Timing Cycle
●
–1.2
–1.9
–2.6
µA
ITMR(UP2)
TIMER Pull-Up Current 2
Start-Up Cycle
●
–15
–20
–25
µA
ITMR(FSTDN)
TIMER Pull-Down Current
VTIMER = 1.5V, End of Initial Timing Cycle
9
mA
VTMR(H)
TIMER High Threshold
TIMER Rising
●
1.172
1.234
1.27
V
VTMR(L)
TIMER Low Threshold
TIMER Falling
●
0.1
0.4
0.5
V
IFAULT(UP)
FAULT Pull-Up Current
●
–2.5
–3.8
–5
µA
VFAULT(TH)
FAULT Threshold
FAULT Falling
●
0.791
0.816
0.841
V
∆VFAULT(HYST)
FAULT Hysteresis
35
mV
VFAULT(OL)
FAULT Output Low Voltage
IFAULT = 1.6mA, VCC1 = 5V
●
0.14
0.4
V
IPWRGD(LK)
PWRGD
n Leakage Current
VPWRGDn = VCC1, VFBn = 0.7V, Normal Cycle ●
±0.01
±10
µA
VPWRGD(OL)
PWRGD
n Output Low Voltage
IPWRGDn = 1.6mA, VCC1 = 5V, VFBn = 0V,
●
0.14
0.4
V
Normal Cycle
tP(FC-GATE)
Fast Comparator Trip to GATE
n
VSENSEn = VCCn to (VCCn – 200mV) Step
●
1
1.5
µs
Discharging
tP(SC-FAULT)
Slow Comparator Trip to FILTER
VSENSEn = VCCn to (VCCn – 50mV) Step.
●
15
35
µs
High and FAULT Latched
FILTER Open
tP(FAULT-GATE)
FAULT Low to GATE
n Discharging
VFAULT = 3.3V to 0V
●
15
35
µs
tP(OV-GATE)
FB
n OV Comparator Trip to GATEn
VFBn = 0V to 1V
●
18
35
µs
Discharging
tP(FILTER-GATE)
Filter Comparator Trip to GATE
n
VFILTER = 0V to 1.5V
●
15
35
µs
Discharging
tRESET
Circuit Breaker Reset Delay Time
VON1 < 0.4V to FAULT High
●
15
30
µs
tP(ON-GATE)
Turn Off Propagation Delay
VONn ≤ 0.821V to GATEn Discharging
●
15
35
µs
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = 5V, VCC2 = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All current into device pins are positive. All voltages are referenced
to ground unless otherwise specified.
Note 3: An internal zener on each GATE pin clamps the charge pump
voltage to a typical maximum operating voltage of 26V. External overdrive
of either GATE pin beyond its internal zener voltage may damage the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com