Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC4221IGN Datasheet HTML 1Page - Linear Technology LTC4221IGN Datasheet HTML 2Page - Linear Technology LTC4221IGN Datasheet HTML 3Page - Linear Technology LTC4221IGN Datasheet HTML 4Page - Linear Technology LTC4221IGN Datasheet HTML 5Page - Linear Technology LTC4221IGN Datasheet HTML 6Page - Linear Technology LTC4221IGN Datasheet HTML 7Page - Linear Technology LTC4221IGN Datasheet HTML 8Page - Linear Technology LTC4221IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC4221
4221f
TYPICAL PERFOR A CE CHARACTERISTICS
VSENSE(ACL) vs VFB
IGATE(UP) vs Temperature
IGATE(DN) vs Temperature
IGATE(FSTDN) vs Temperature
∆VGATEn (VGATEn – VCC1) vs VCC1
VGATE(OV) vs Temperature
VON(RESET) vs VCC1
VFB (V)
0
20
25
30
0.3
0.5
4221 G10
15
10
0.1
0.2
0.4
0.6
0.7
5
0
VCC1 = 5V
VCC2 = 3.3V
TA = 25°C
TEMPERATURE (°C)
–50
–8
–7
–6
25
75
4221 G11
–9
–10
–25
0
50
100
125
–11
–12
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
VGATE = 0V
TEMPERATURE (°C)
–50
101
102
104
25
75
4221 G12
100
99
–25
0
50
100
125
98
97
103
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
VGATE = 3.3V
TEMPERATURE (°C)
–50
40
50
60
25
75
4221 G13
30
20
–25
0
50
100
125
10
0
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
VGATE = 3.3V
VCC1 (V)
0
6
7
9
10
11
8
15
4221 G14
8
4
2
10
12
614
12
13
14
VCC2 = VCC1 – 1.5V
TA = 25°C
∆VGATE1
∆VGATE2
∆VGATE1 (VGATE1 – VCC1)
vs Temperature
TEMPERATURE (°C)
–50
12
14
18
25
75
4221 G15
10
8
–25
0
50
100
125
6
4
16
VCC1 = 2.7V, VCC2 = 1V
VCC1 = 5V, VCC2 = 3.3V
VCC1 = 13.5V, VCC2 = 13.5V
∆VGATE2 (VGATE2 – VCC1)
vs Temperature
TEMPERATURE (°C)
–50
12
14
16
25
75
4221 G16
10
8
–25
0
50
100
125
6
4
VCC1 = 2.7V, VCC2 = 1V
VCC1 = 5V, VCC2 = 3.3V
VCC1 = 13.5V, VCC2 = 13.5V
TEMPERATURE (°C)
–50
0.375
0.385
0.390
0.395
50
0.420
4221 G17
0.380
0
–25
75
100
25
125
0.405
0.400
0.410
0.415
VCC1 = 2.7V
VCC1 = 5V
VCC1 = 13.5V
VCC2 = 1V
TIMER = 0.5V
VCC1 (V)
0
0.415
0.420
0.425
12
4221 G18
0.410
0.405
48
214
610
16
0.400
0.395
0.430
VCC2 = 1V, TA = 25°C
FALLING
RISING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com