Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology LTC4221IGN Datasheet HTML 23Page - Linear Technology LTC4221IGN Datasheet HTML 24Page - Linear Technology LTC4221IGN Datasheet HTML 25Page - Linear Technology LTC4221IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC4221
4221f
supply voltages, the LTC4221 can drive any MOSFET rated
with 4.5V or 2.5V gate drive. For higher supply voltages up
to 13.5V, the LTC4221 can drive any MOSFET rated with
a 10V or 4.5V gate drive. The selected MOSFET should
fulfill two VGS criteria:
1. Positive VGS absolute maximum rating > LTC4221’s
maximum ∆VGATE.
2. Negative VGS absolute maximum rating > supply volt-
age. The gate of the MOSFET can discharge faster than
VOUT when shutting down the MOSFET with a large
CLOAD.
If one of the conditions cannot be met, an external zener
clamp shown on Figure 15 can be used. The clamp
network is connected from each channel’s GATE to the
VOUT pins. VGS is clamped in both directions and RG limits
the current flow into the GATE
n pin’s internal zener clamp
during transient events.
A MOSFET with a VGS absolute maximum rating of ±20V
meets the two criteria for all the LTC4221 application ranges
from 1V to 13.5V. Typically most 10V gate rated MOSFETs
have VGS absolute maximum ratings of ±20V or greater, so
no external VGS zener clamp is needed. There are 4.5V gate
rated MOSFETs with VGS absolute maximum ratings of
±20V. In addition to the MOSFET gate drive rating and VGS
absolute maximum rating, other criteria such as VBDSS,
ID(MAX), RDS(ON), PD, θJA, TJ(MAX) and maximum safe
operating area (SOA) should also be carefully reviewed.
VBDSS should exceed the maximum supply voltage inclu-
sive of spikes and ringing. ID(MAX) must exceed the maxi-
mum short-circuit current in the channel during a fault
condition. RDS(ON) determines the MOSFET VDS which to-
gether with VRSENSE yields an error in the VOUT voltage. For
example, at 1V VCC2, VDS + VRSENSE2 = 50mV gives a 5%
VOUT2error.AthigherVCC voltagestheVDS requirementcan
be relaxed in which case the MOSFET’s thermal require-
ments (PD, TJ(MAX), SOA) may limit the value of RDS(ON).
The power dissipated in the MOSFET is (ILOAD)2 • RDS(ON)
and this should be less than the maximum power dissipa-
tion, PD, allowed in that package. Given power dissipation,
the MOSFET junction temperature, TJ can be computed
from the operating temperature (TA) and the MOSFET
package thermal resistance (θJA). The operating TJ should
be less than the TJ(MAX) specification. The VDS • ILOAD
figure must also be well within the manufacturer’s recom-
mended safe operating area (SOA) with sufficient margin.
These three thermal parameters must not be exceeded for
all conditions in a channel including normal mode opera-
tion, start-up with or without current limit, fault and
autoretry after a fault. To ensure a reliable design, fault
tests should be evaluated in the laboratory.
VCC Transient Protection
Good engineering practice calls for bypassing the supply
rail of any analog circuit. Bypass capacitors are often
placed at the supply connection of every active device, in
addition to one or more large value bulk bypass capacitors
per supply rail. If power is connected abruptly, the large
bypass capacitors slow the rate of rise of the supply
voltage and heavily damp any parasitic resonance of lead
or PC track inductance working against the supply bypass
capacitors.
The opposite is true for LTC4221 Hot Swap circuits
mounted on plug-in cards since controlling the surge
current to bypass capacitors at plug-in is the primary
motivation for the Hot Swap controller. In most cases,
there is no supply bypass capacitor present on the pow-
ered supply voltage side of the MOSFET switch. Although
wire harness, backplane and PCB trace inductances are
usually small, these can create large spikes when large
currents are suddenly drawn, cut off or limited. Abrupt
intervention can prevent subsequent damage caused by a
catastrophic fault but it does cause a large supply tran-
sient. These ringing transients appear as a fast edge on
APPLICATIO S I FOR ATIO
*USER SELECTED VOLTAGE CLAMP
(A LOW BIAS CURRENT ZENER DIODE IS RECOMMENDED)
1N4688 (5V)
1N4692 (7V): LOGIC-LEVEL MOSFET
1N4695 (9V)
1N4702 (15V): STANDARD-LEVEL MOSFET
RSENSE
GATE
4221 F15
Q1
RG
200Ω
D1*
D2*
VCC
VOUT
Figure 15. Gate Protection Zener Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com