Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 13Page - Linear Technology LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC4221
4221f
duty cycle of more than 1.8% will eventually trip the circuit
breaker. Figure 8 shows the circuit breaker response time
in seconds normalized to 1µF.Theasymmetricchargingand
discharging of FILTER is a fair gauge of MOSFET heating.
t
CF
V
AD
A
FILTER µ
()
=
µ
()
µ
124
105
1 8
.
•– .
(2)
The fast comparators trip the circuit breaker to protect
against fast load overcurrents if VRSENSE is greater than
VSENSE(FC) (100mV) for 1µs. The response time of each fast
comparator is fixed at 1µs nominal. The timing diagram in
Figure 9 illustrates the operation of the LTC4221 when the
load current conditions cause VRSENSE of channel 1 to ex-
ceed 100mV for more than 1µs between time points 7 and
8. Figure 9 also illustrates when the LTC4221’s electronic
circuit breaker is armed. After the initial timing cycle, it is
armed at time point 3. Arming the circuit breaker at time
point 3 ensures that the system is protected against an over-
current condition during the channel start-up cycle. At time
point 4, the slow comparators are armed when the internal
control loop is disengaged.
Autoretry After a Fault
Once the LTC4221 circuit breaker is tripped, FAULT is
latched low and both GATE pins are pulled to ground. To
clear the internal FAULT latch and to restart the LTC4221,
its ON1 pin must be pulsed below its reset threshold
(VON(RESET) = 0.4V) for at least 15µs.
APPLICATIO S I FOR ATIO
TIMER
FAULT
FILTER
ON
n
0.851V
GATE
n
SENSE
n
VOUTn
RESET
INITIAL TIMING
2
1
1.9µA
VTMR(L)
VTMR(H)
ELECTRONIC CIRCUIT BREAKER ARMED
SLOW COMPARATORS ARMED
3
20µA
20µA
1.8µA
0.4V
105µA
9.5µA
VFILTER(TH)
VSENSE(FC)
VSENSE(SC)
45
6 7
8
9
RESET
4221 F09
CHANNEL
START-UP
NORMAL
FAULT
Figure 9. Fast Comparator Trip Timing Waveforms
Figure 8. Circuit Breaker Filter Response
for Intermittent Overload
OVERLOAD DUTY CYCLE, D (%)
1
0.01
0.1
0
102030405060708090 100
4221 F08
t
CFILTER (µF)
1.24V
105 • D – 1.8
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com