Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC4221
4221f
The LTC4221 can also be configured to automatically retry
after a fault condition. As shown in Figure 10, the FAULT
(which has an internal 3.8µA pull-up current source) and
both ON pins are connected together. The timing diagram
in Figure 11 illustrates a simultaneous start-up sequence
where the LTC4221 is powered up into a load overcurrent
condition on channel 1. After the slow comparators are
armed at the end of the start-up cycle at time point 4, slow
comparator 1 immediately trips and FILTER ramps up.
FILTER ramps past its high threshold at time point 6 and
trips the circuit breaker. FAULT and both ON pins are
pulled low by an internal N-channel MOSFET and over-
shoots below the 0.4V reset threshold of the ON1 pin.
Once ON1 < 0.4V for more than 15µs, the internal fault
APPLICATIO S I FOR ATIO
+
VCC1
ON1
SENSE1
ON2
FAULT
RF2
15k
LTC4221*
GATE1
FB1
4221 F10
1
16
7
10
9
CTIMER
1µF
GND
TIMER
RF1
56k
VOUT1
3.3V
5A
VOUT2
2.5V
5A
Q1
IRF7413
RSENSE1
0.004Ω
CLOAD1
8
CFILTER
1nF
FILTER
Z1
Q2: 2N7002LT1
Z1: SMAJ10
* ADDITIONAL DETAILS
OMITTED FOR CLARITY
RX1
10Ω
CX1
100nF
CON1
0.47µF
R1
1M
LONG
VCC1
LONG
PCB EDGE
CONNECTOR
(MALE)
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
LONG
VCC2
FAULT
Figure 10. Using FAULT to Configure Autoretry
2
13
4 5
6 7
8
9
20µA
ELECTRONIC CIRCUIT BREAKER ARMED
20µA2µA
1.8µA
0.4V
0.4V
0.851V
VFILTER(TH)
VSENSE(FC)
VSENSE(SC)
9.5µA
105µA
1.9µA
VTMR(L)
VTMR(H)
0.851V
TIMER
ON
n, FAULT
FILTER
GATE1
SENSE1
VOUT1
RESET
CHANNEL
START-UP
FILTER
RAMP
RESET
tON
tINITIAL
OFF
INITIAL
TIMING
4221 F11
INITIAL TIMING
tINITIAL
tSTARTUP
tFILTER
SLOW COMPARATORS ARMED
Figure 11. Autoretry Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com