Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC4221IGN Datasheet HTML 1Page - Linear Technology LTC4221IGN Datasheet HTML 2Page - Linear Technology LTC4221IGN Datasheet HTML 3Page - Linear Technology LTC4221IGN Datasheet HTML 4Page - Linear Technology LTC4221IGN Datasheet HTML 5Page - Linear Technology LTC4221IGN Datasheet HTML 6Page - Linear Technology LTC4221IGN Datasheet HTML 7Page - Linear Technology LTC4221IGN Datasheet HTML 8Page - Linear Technology LTC4221IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC4221
4221f
ORDER PART
NUMBER
(Note 1)
Supply Voltage (VCCn) ............................................ 17V
SENSE
n Pins ............................ – 0.3V to (VCCn + 0.3V)
FB, ON Pins .............................. – 0.3V to (VCC1 + 0.3V)
TIMER Pin .................................................. – 0.3V to 2V
GATE Pins (Note 3) ................................... – 0.3V to 21V
PWRGD, FAULT, FILTER Pins ................... – 0.3V to 17V
Operating Temperature Range
LTC4221C ............................................... 0°C to 70°C
LTC4221I ............................................ – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
LTC4221CGN
LTC4221IGN
TJMAX = 125°C, θJA = 130°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC1
Supply Voltage Channel 1
●
2.7
13.5
V
VCC2
Supply Voltage Channel 2
VCC2 ≤ VCC1
●
1
13.5
V
ICC1
VCC1 Supply Current
ON1, ON2 = 2V
●
2.2
3
mA
ICC2
VCC2 Supply Current
ON1, ON2 = 2V
●
0.05
0.15
mA
VCC1(UVL)
Undervoltage Lockout for Channel 1
VCC1 Rising
●
2.1
2.5
2.675
V
∆VCC1(HYST)
Undervoltage Lockout Hysteresis
110
mV
VCC2(UVL)
Undervoltage Lockout for Channel 2
VCC2 Rising
●
0.65
0.8
0.975
V
∆VCC2(HYST)
Undervoltage Lockout Hysteresis
25
mV
ISENSE1(IN)
SENSE1 Pin Input Current
0V ≤ VSENSE1 ≤ VCC1
●
±0.03
±5
µA
ISENSE2(IN)
SENSE2 Pin Input Current
VSENSE2 = VCC2
●
±0.2
±5
µA
VSENSE2 = 0V
1000
µA
VSENSE(FC)
SENSE
n Threshold Voltage
Channel
n Fast Comparator Threshold
●
85
100
115
mV
VSENSE(SC)
SENSE
n Threshold Voltage
Channel
n Slow Comparator Threshold
22.5
25
27.5
mV
●
20.5
25
29.5
mV
VSENSE(ACL)
SENSE
n Voltage at Active
VFBn = 0
9
mV
Current Limit
VFBn = 0.65V
25
mV
IGATE(UP)
GATE
n Output Current
VON1 = VON2 = 2V, VGATEn = 0V
●
–7
–9.5
–12
µA
IGATE(DN)
GATE
n Output Current
VON1 = VON2 = 0.6V, VGATEn = 3.3V
●
75
100
125
µA
IGATE(FSTDN)
GATE
n Output Current
UVLO with VGATEn = 3.3V or FAULT
16
mA
Latched with VGATEn = 3.3V
∆VGATE
External N-Channel Gate Drive
VGATEn – VCC1 for VCC1 = 2.7V, VCC2 = 1V
●
4.5
13
V
VGATEn – VCC1 for VCC1 = 3.3V, VCC2 = 2.5V
●
516
V
VGATEn – VCC1 for VCC1 = 5V, VCC2 = 3.3V
●
816
V
VGATEn – VCC1 for VCC1 = 12V, VCC2 = 12V
●
718
V
VGATE(OV)
GATE
n Overvoltage Lockout Threshold
●
0.4
0.5
V
ION(IN)
ON
n Pin Input Current
0V ≤ VONn ≤ VCC1
●
±0.01
±1
µA
VON(RESET)
ON1 Reset Threshold
VON1 Falling
●
0.375
0.4
0.425
V
∆VON(RESETHYST)
ON1 Reset Threshold Hysteresis
25
mV
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC1 = 5V, VCC2 = 3.3V, unless otherwise noted.
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
ON1
VCC1
SENSE1
GATE1
FB1
PWRGD1
FAULT
FILTER
ON2
VCC2
SENSE2
GATE2
FB2
PWRGD2
GND
TIMER
GN PART
MARKING
4221
4221I
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com