Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 9Page - Linear Technology LTC4221IGN Datasheet HTML 10Page - Linear Technology LTC4221IGN Datasheet HTML 11Page - Linear Technology LTC4221IGN Datasheet HTML 12Page - Linear Technology LTC4221IGN Datasheet HTML 13Page - Linear Technology LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC4221
4221f
APPLICATIO S I FOR ATIO
Undervoltage Lockout
An internal undervoltage lockout (UVLO) occurs if either
VCC supply is too low for normal operation. The LTC4221
is kept in lockout mode in which the internal charge pumps
are off, the GATE pins, TIMER are held low by internal
N-channel MOSFET pull-downs and the FAULT latch reset,
cutting off both channels. VCC1 has a low-to-high UVLO
threshold of 2.5V with 110mV hysteresis. VCC2 has a low-
to-high UVLO threshold of 0.8V with 25mV hysteresis.
Both UVLOs have glitch filters that filter out dips that are
less than 30µs, allowing for bus supply transients. An
additional requirement for normal operation is VCC1 ≥
VCC2.
ON Pin Functions
The ON1 pin serves as a global reset for the LTC4221. It
has an internal reset comparator with a high-to-low thresh-
old of 0.4V, a 25mV hysteresis and a high-to-low glitch
filter of 15µs. Pulling ON1 below this threshold will put the
LTC4221 into a reset state in which the TIMER is pulled low
by an internal N-channel MOSFET pull-down, the GATE
pins are pulled low by separate internal 100µA pull-downs
and the FAULT latch resets. A low-to-high transition on the
ON1 pin past the reset threshold releases the reset on the
FAULT latch and both channels go into an off state.
In addition to its global reset function, ON1 also serves as
an on/off switch for channel 1. ON2 performs the same
role for channel 2. Both pins have an off comparator with
a high-to-low threshold of 0.821V and 30mV hysteresis.
With these, ON1 and ON2 can be used to force a simulta-
neous or sequential power-up/power-down of the two
channels. A simultaneous power-up and power-down is
shown in Figure 2b. Both VCC pins clear their respective
UVLO at time point 1 and both channels enter reset state.
When ON1 clears its reset threshold, either ON1 or ON2
clears its off threshold, both GATEs < 0.4V and TIMER <
0.4V (time point 2), an initial timing cycle starts. At time
point 4, the initial timing cycle completes and the LTC4221
checks that FILTER is low and FAULT is high. If both
conditions are met, it then monitors the voltage of ON1 and
ON2. As long as its ON pin has cleared its off threshold,
each channel powers up regardless of the state of the other
channel. Similarly, if its ON pin goes below its off thresh-
old, each channel pulls its GATE pin down with an internal
100µA pull-down and turns off its external MOSFET re-
gardless of the state of the other channel. As the circuit in
Figure 2a has its two ON pins shorted together, a simulta-
neous power-up is programmed at time points 4 to 5 and
a simultaneous power down is programmed between time
points 7 and 8. The timing waveforms in Figure 3 show a
+
VCC1
ON1
SENSE1
ON2
RF2
15k
LTC4221*
GATE1
FB1
4221 F02a
4221 F02b
1
16
10
9
CTIMER
1µF
GND
TIMER
(2a) Circuit
(2b) Timing Waveforms
RF1
56k
VOUT1
3.3V
5A
VOUT2
2.5V
5A
Q1
IRF7413
RSENSE1
0.004Ω
CLOAD1
Z1
Z1 = SMAJ10
* ADDITIONAL DETAILS
OMITTED FOR CLARITY
RX1
10Ω
CX1
100nF
R1
10k
R2
10k
LONG
VCC1
LONG
PCB EDGE
CONNECTOR
(MALE)
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
LONG
VCC2
DISCHARGE
BY LOAD
1
VCCn
VOUTn
ON
n
GATE
n
UVLO
INITIAL
TIMING
CHANNEL
START-UP
RESET STATE
TIMER
0.851V
1.234V
0.821V
9.5µA
100µA
VTH
20µA
23 4
5 6
7 8
NORMAL
RESET
VCCn(UVL)
1.9µA
Figure 2. Simultaneous Power On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com