Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology LTC4221IGN Datasheet HTML 23Page - Linear Technology LTC4221IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC4221
4221f
Timer Function
The TIMER pin controls the initial cycle and the channel
start-up cycles with an external capacitor, CTIMER. There
are two comparator thresholds: VTMR(H) (1.234V) and
VTMR(L) (0.4V). In addition, the pin has a 1.9µA pull-up
current, a 20µA pull-up current and a N-channel MOSFET
pull-down.
Initial Timing Cycle
When the card is being inserted into the bus connector, the
long pins mate first which brings up the supplies at time
point 1 of Figure 13. The LTC4221 is in reset mode as the
ON1 pin is low. Both GATE pins and the TIMER pin are
pulled low. At time point 2, the short pin makes contact and
both ON pins are pulled high. At this instant, a start-up
check requires that both supply voltages be above UVLO,
at least one ON pin be above 0.851V, both GATE pins
< 0.4V and TIMER < 0.4V. When these four conditions are
fulfilled, the initial cycle begins and the TIMER pin is pulled
high with 1.9µA. At time point 3, the TIMER reaches
VTMR(H) and is pulled down below VTMR(L) by the N-
channel MOSFET pull-down, ending the initial cycle at time
point 4. The initial cycle delay is:
tV
C
A
INITIAL
TIMER
=
µ
1 234
19
.•
.
(9)
At time point 4, the LTC4221 checks whether the FILTER
pin is <1.24V and FAULT is > 0.851V. If both conditions are
met, a channel start-up cycle commences.
Start-Up Cycle Without Current Limit
During a channel start-up cycle, the TIMER pin ramps up
with a 20µA internal pull-up so the start-up cycle delay is:
tV
V
C
A
STARTUP
TIMER
=
()
µ
1 234
0 4
20
.– .
•
(10)
At the beginning of the start-up timing cycle (time point 4),
the LTC4221’s electronic circuit breaker is armed and each
channel has an internal 9.5µA current source working with
an internal charge pump to provide the gate drive to its
external pass transistor. At time point 5, GATE1 reaches
the external pass transistor threshold and VOUT1 starts to
follow the GATE1 ramp-up. If the inrush current is below
current limit, GATE1 ramps at a constant rate of:
∆
∆
=
V
T
I
C
GATE
GATE
GATE
(11)
where CGATE is the total capacitance at the GATE1 pin. The
inrush current through RSENSE1 can be divided into two
components; ICLOAD due to the total load capacitance
CLOAD and ILOAD due to the noncapacitive load elements.
The load bypass capacitance typically dominates CLOAD.
For a successful channel start-up without current limit,
IINRUSH < active current limit. Due to the voltage follower
configuration, the VOUT1 ramp rate approximately tracks
VGATE1. The inrush current during a start-up cycle without
current limit is :
IC
V
T
I
IC
V
T
I
IC
I
C
I
INRUSH
LOAD
OUT
LOAD
INRUSH
LOAD
GATE
LOAD
INRUSH
LOAD
GATE
GATE
LOAD
=
∆
∆
⎛
⎝
⎜
⎞
⎠
⎟ +
=
∆
∆
⎛
⎝
⎜
⎞
⎠
⎟ +
=
⎛
⎝
⎜
⎞
⎠
⎟ +
•
•
•
(12)
At time point 6, VOUT1 is approximately VCC1 but GATE1
ramp-up continues until it reaches a maximum voltage.
This maximum voltage is determined either by the charge
pump or the internal clamp.
APPLICATIO S I FOR ATIO
1.234V
VCCn
VOUT1
ON
n
TIMER
GATE1
RESET
STATE
INITIAL
TIMING
CHANNEL 1
START-UP
NORMAL
20µA
9.5µA
0.4V
VTH
DISCHARGE
BY LOAD
4221 F13
0.851V
0.4V
12
3 4 5
6
7
1.9µA
Figure 13. Channel 1 Start-Up Without Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com