Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology LTC4221IGN Datasheet HTML 23Page - Linear Technology LTC4221IGN Datasheet HTML 24Page - Linear Technology LTC4221IGN Datasheet HTML 25Page - Linear Technology LTC4221IGN Datasheet HTML 26Page - Linear Technology LTC4221IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC4221
4221f
the input supply line, exhibiting a peak overshoot to 2.5
times the steady-state value. This peak is followed by a
damped sinusoidal response whose duration and period
are dependent on the resonant circuit parameters. This
can cause detrimental damage to board components
unless measures are taken.
The energy stored in the lead/trace inductance is easily
controlled with snubbers and/or transient voltage sup-
pressors. Even when ferrite beads are used for electro-
magnetic interference (EMI) control, the low saturating
current of ferrite will not pose a major problem if the
transient voltage suppressors with adequate ratings are
used. The transient associated with a GATE turn off can be
controlled with a snubber and/or transient voltage sup-
pressor. Snubbers such as RC networks are effective
especially at low voltage supplies. The choice of RC is
usually determined experimentally. The value of the snub-
ber capacitor is usually chosen between 10 to 100 times
the MOSFET COSS. The value of the snubber resistor is
typically between 3Ω to 100Ω. When the supply exceeds
7V or EMI beads exist in the wire harness, a transient
voltage suppressor and snubber are recommended to clip
off large spikes and reduce the ringing. For supply volt-
ages of 6V or below, a snubber network should be suffi-
cient to protect against transient voltages. These protection
networks should be mounted very close to each of
LTC4221’s two supply voltages using short lead lengths to
minimize lead inductance. This is shown schematically in
the Typical Application on the front page of this data sheet.
In many cases, a simple short-circuit test can be per-
formed to determine the need of the transient voltage
suppressor. Additional overvoltage protection is provided
by the FB
n pins.
APPLICATIO S I FOR ATIO
PCB Layout Considerations
A recommended layout for the SENSE resistors, the
power MOSFETs, VCC transient protection devices and
GATE drive components around the LTC4221 is shown in
Figure 16. For proper operation of the LTC4221’s elec-
tronic circuit breaker, a 4-wire Kelvin connection to each
SENSE resistor is used. Also, PCB layout for the external
N-channel MOSFETs emphasizes optimal thermal man-
agement of MOSFET power dissipation to keep θJA as low
as possible. The VCC transient protection devices are
positioned close to the supply pins to reduce lead induc-
tance and thus overshoot voltage.
In Hot Swap applications where load currents can reach
10A or more, PCB track width must be appropriately sized
to keep track resistance and temperature rise to a mini-
mum. Consult Appendix A of LTC Application Note 69 for
details on sizing and calculating trace resistances as a
function of copper thickness.
In the majority of applications, it will be necessary to use
plated-through vias to make circuit connections from
component layers to power and ground layers internal to
the PC board. For 1oz copper foil plating, a good starting
point is 1A of DC current per via, making sure the via is
properly dimensioned so that solder completely fills any
void. For other plating thicknesses, check with your PCB
fabrication facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com