Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology LTC4221IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC4221
4221f
latch is cleared and the FAULT pin sources a 3.8µA pull-up
current to charge up CON1. The typical delay tON is :
tV
V
C
A
ON
ON
=
()
µ
0 851
0 4
38
1
.– .
•
.
(3)
As shown in the timing diagram of Figure 11, the autoretry
circuitry will attempt to restart the LTC4221 with a duty
cycle:
Duty Cycle =
tSTARTUP +
()
++
+
t
tt
t
t
FILTER
ON
INITIAL
STARTUP
FILTER
•%
100
(4)
tFILTER is defined in Equation 1 and tON is defined in Equa-
tion 3. tINITIAL, the initial timing cycle delay, is given in
Equation 9 located in the Initial Timing Cycle section.
tSTARTUP, the start-up cycle delay, is given in Equation 10
and found in the Start-Up Cycle Without Current Limit
section. Using the capacitor values as shown in Figure 10,
the Autoretry Duty cycle works out to be approximately 6%.
Sense Resistor Consideration
The fault current level at which the LTC4221’s internal
electronic circuit breaker trips is determined by sense
resistors connected between each channel’s VCC and
SENSE pins. For both channels, the slow comparator trip
current and the fast comparator trip current are given by
equations (5) and (6) respectively.
I
V
R
mV
R
TRIP SC
SENSE SC
SENSE
SENSE
()
()
==
25
(5)
I
V
R
mV
R
TRIP FC
SENSE FC
SENSE
SENSE
()
()
==
100
(6)
The power rating of the sense resistor should be rated at
the fault current level. Table 1 in the Appendix lists some
common sense resistors.
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and each channel’s
VCC and SENSE pins are strongly recommended. The
drawing in Figure 12 illustrates the connections between
the LTC4221 and the sense resistor. PCB layout should be
balanced and symmetrical to minimize wiring errors. In
addition, the PCB layout for the sense resistor should
include good thermal management techniques for optimal
sense resistor power dissipation.
Calculating Current Limit
For a selected RSENSE, the load current must not exceed
ITRIP(SC). The minimum ITRIP(SC) is given by Equation 7:
I
V
R
mV
R
TRIP SCMIN
SENSE SCMIN
SENSE MAX
SENSE MAX
()
()
()
()
.
==
20 5
(7)
where
RR
R
SENSE MAX
SENSE
TOL
()
•
=+
⎛
⎝
⎜
⎞
⎠
⎟
1
100
The maximum ITRIP(SC) is given by Equation 8:
I
V
R
mV
R
TRIP SCMAX
SENSE SCMAX
SENSE MIN
SENSE MIN
()
()
()
()
.
==
29 5
(8)
where
RR
R
SENSE MIN
SENSE
TOL
()
•–
=
⎛
⎝
⎜
⎞
⎠
⎟
1
100
If a 7mΩ sense resistor with ±1% tolerance is used for
current limiting, the nominal slow comparator trip current
is 3.57A. From Equations 7 and 8, ITRIP(SCMIN) = 2.9A and
ITRIP(SCMAX) = 4.26A. For proper operation, the minimum
ITRIP(SC) must exceed the circuit maximum operating load
current. For reliability purposes, the operation at the
maximum trip current must be evaluated carefully. If
necessary, two resistors with the same RTOL can be
connected in parallel to yield a nominal RSENSE value that
fits the circuit requirements.
APPLICATIO S I FOR ATIO
SENSE RESISTOR
TO
VCCn
TO
SENSE
n
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
TRACK WIDTH W:
0.03" PER AMP
ON 1oz COPPER
W
4221 F12
Figure 12. PCB Connections to the Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com