Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 10Page - Linear Technology LTC4221IGN Datasheet HTML 11Page - Linear Technology LTC4221IGN Datasheet HTML 12Page - Linear Technology LTC4221IGN Datasheet HTML 13Page - Linear Technology LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC4221
4221f
sequential power up from time points 4 to 8 and a
sequential power-down programmed from time points 9
to 11. To achieve this the circuit requires the functionality
of the PWRGD1 pin and will be featured in the next section.
The circuit in Figure 2a sits on a daughter board with
staggered pins on its edge connectors. Supply voltage and
ground connections are wired to long-edge connector
pins while both ON pins are connected to a short-edge
connector pin through a resistive divider. Until the con-
nectors are fully mated, ON1 is pulled low and holds both
channels in the reset state. When the connectors have
properly seated, the ON pins are pulled above 0.851V and
an initial timing cycle starts. This cycle is restarted by any
transitions on the ON pins across their off thresholds and
adds a further delay for the plug-in transients to die off
before allowing a start-up cycle. The Typical Application
circuit on the first page of this data sheet shows similar
considerations in the design of its PCB edge connectors,
and the resistive dividers connected to ON1 and ON2 act
as an external UVLO to override the internal one. An RC
filter can be added at the ON1 pin to increase the delay time
at card insertion to allow bus supply transients to stabilize.
FB and PWRGD Pin Functions
Each FB pin is used to detect undervoltage and overvoltage
in its channel output voltage (VOUT) through a resistive
divider. Each FB pin has an undervoltage comparator with
a high-to-low threshold of 0.617V and 3mV hysteresis.
The output of this comparator controls the channel’s
open-drain PWRGD output. During UVLO, both PWRGD
pins are pulled low by internal N-channel MOSFET pull-
downs. As both channels come out of UVLO, control of
PWRGD1 is passed to FB1and control of PWRGD2 to FB2.
Each PWRGD pin can be connected to a pull-up resistor to
0.821V
100µA
VCCn
12
3 4
5
6 7
8
9 10 11
ON1
TIMER
GATE1
VOUT1
PWRGD1
ON2
GATE2
UVLO
INITIAL
TIMING
RESET
VOUT2
VCCn(UVL)
0.851V
0.821V
0.4V
1.234V
20µA
100µA
DISCHARGE
BY LOAD
DISCHARGE
BY LOAD
4221 F03
20µA
9.5µA
9.5µA
VTH
0.851V
VTH
VFB1 = 0.620V
VFB1 = 0.617V
CHANNEL 1
START-UP
CHANNEL 2
START-UP
CHANNEL 1 OFF
CHANNEL 2 NORMAL
NORMAL
OFF
1.9µA
APPLICATIO S I FOR ATIO
Figure 3. Sequential Power On/Off Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com