Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 5Page - Linear Technology LTC4221IGN Datasheet HTML 6Page - Linear Technology LTC4221IGN Datasheet HTML 7Page - Linear Technology LTC4221IGN Datasheet HTML 8Page - Linear Technology LTC4221IGN Datasheet HTML 9Page - Linear Technology LTC4221IGN Datasheet HTML 10Page - Linear Technology LTC4221IGN Datasheet HTML 11Page - Linear Technology LTC4221IGN Datasheet HTML 12Page - Linear Technology LTC4221IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC4221
4221f
PI FU CTIO S
FAULT (Pin 7): Fault Status Input/Output. FAULT is a
bidirectional pin. As an input, pulsing VFAULT < 0.816V will
set the FAULT latch and bring the LTC4221 into the fault
state. As an output, FAULT is pulled high by an internal
3.8µA pull-up under normal operating conditions. When
an overcurrent fault is detected by a SENSE pin or a
overvoltage fault detected by an FB pin, the FAULT latch is
set and the LTC4221 goes into the fault state. The FAULT
latch is reset by a UVLO or the ON1 pin being driven below
0.4V.
FILTER (Pin 8): Overcurrent Fault Timing Filter. The
FILTER pin requires an external capacitor to ground to
adjust the response time of the two slow comparators. The
FILTER pin can be left unconnected for a default slow
comparator response time of 15µs.
TIMER (Pin 9): Analog System Timer. The TIMER pin
requires an external capacitor to ground to generate
timing delay cycles during start-up. The LTC4221’s initial
and start-up timing cycles are controlled by CTIMERand the
internal current sources connected to the TIMER pin.
GND (Pin 10): Ground. Connect to a ground plane for
optimum performance.
PWRGD2 (Pin 11): Channel 2 Power Good Output. Similar
functionality as PWRGD1. Controlled by FB2.
FB2 (Pin 12): VOUT2 Feedback Input. Similar functionality
as FB1. Monitors channel 2 output voltage, controls
PWRGD2 output and channel 2 start-up current limit.
GATE2 (Pin 13): Channel 2 Gate Drive. Similar functional-
ity as GATE1. Controls the gate drive of the channel 2
external N-channel MOSFET. ON2 controls GATE2 in the
same manner as ON1 controls GATE1. VON1 < 0.4V over-
rides conditions at ON2 and GATE2 is held low by a 100µA
current source. UVLO, overvoltage, overcurrent and exter-
nally generated faults override conditions at ON1 and ON2,
and pull GATE2 low.
SENSE2 (Pin 14): Channel 2 Current Sense Input. Similar
functionality as SENSE1. Monitors channel 2 load current
through RSENSE2 placed in the supply path between VCC2
and SENSE2. To disable the current limit and circuit
breaker function for channel 2, tie SENSE2 to VCC2.
VCC2 (Pin 15): Channel 2 Positive Supply Input. VCC2 can
range from 1V to 13.5V for normal operation but it must
be ≤VCC1. An undervoltage lockout circuit disables both
channels whenever the voltage at VCC2 is less than 0.8V.
ON2 (Pin 16): Channel 2 On Input. GATE2 is pulled to
ground by a 100µA current source when VON2 < 0.821V.
When VON2 > 0.851V, GATE2 ramps up after an initial
timing cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com