Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 12Page - Linear Technology LTC4221IGN Datasheet HTML 13Page - Linear Technology LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology LTC4221IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC4221
4221f
ON1 clears its off threshold and the initial timing cycle is
complete, the GATE1 pin is pulled up by a 9.5µA current
source connected to the charge pump output during the
channel start-up cycle. GATE1 can be servoed by adjusting
the ramp up current to <9.5µA to control the inrush
current to the load during start-up. ON2 controls GATE2 in
a similar manner but is overwritten by ON1’s global reset
function. During an overcurrent fault condition that sets
the fault latch, both GATE pins are pulled down by their
respective internal N-channel MOSFET pull-downs.
During hot insertion of the PCB, an abrupt application of
supply voltage charges the external MOSFET drain/gate
capacitance. This can cause an unwanted gate voltage
spike. An internal proprietary circuit holds both GATE pins
low before the internal circuitry wakes up. This reduces the
MOSFET current surges substantially at insertion.
Electronic Circuit Breaker
The LTC4221 features an electronic circuit breaker func-
tion that protects against supply overvoltage, externally
generated fault conditions and shorts or excessive load
current conditions on any of the supplies. If the circuit
breaker trips, both GATE pins are immediately pulled to
ground, the external N-channel MOSFETs are quickly
turned OFF and FAULT is latched low.
During the normal cycle, a supply overvoltage on channel
n
propagates via the VOUTn resistive dividers to the FBn pin.
A supply overvoltage high enough to pull either FB pin
above 0.822V for more than 18µs will trip the circuit
breaker.
The circuit breaker can also be made to trip by externally
forcing the bidirectional FAULT pin below 0.816V. The
FAULT pin has 35mV of hysteresis. An internal glitch filter
of 15µs filters out noise on the FAULT pin.
The slow comparator of channel
n trips the circuit breaker
if VRSENSEn = (VCCn – VSENSEn) is greater than its 25mV
threshold for more than 15µs. There may be applications
where this inherent response time is not long enough, for
example, because of excessive supply voltage noise. To
adjust the response time of the slow comparator, a capaci-
tor can be connected from the FILTER pin to GND. If this
pin is left unused, each slow comparator’s delay defaults
to 15µs. During normal operation, the FILTER output pin
is held low by an internal 1.8µA pull-down current source.
During an overcurrent condition on either channel as
shown in Figure 6, the 1.8µA pull-down on the FILTER pin
becomes an internal 105µA pull-up and CFILTER charges
up. Once the FILTER pin voltage ramps past its low-to-
high threshold of 1.24V at time point 2, the electronic
circuit breaker trips and the LTC4221 shuts down. The
FILTER pin’s internal 1.8µA pull-down discharges CFILTER
and holds FILTER low. Each slow comparator’s response
time from an overcurrent fault condition is:
t
VC
A
s
FILTER
FILTER
=
µ
+µ
124
105
15
.•
(1)
Intermittent overloads may exceed the current limit as in
Figure 7, but if the duration is sufficiently short, the FILTER
pin may not reach the VFILTER(TH) threshold and the
LTC4221 will not shut down. To handle this situation, the
FILTER discharges with 1.8µA whenever both VRSENSE are
below 25mV. Any intermittent overload with an aggregate
APPLICATIO S I FOR ATIO
Figure 7. Multiple Intermittent Overcurrent Condition
A1
B1
A2
B2
A3
B3
~25mV/RSENSE1
~25mV/RSENSE2
CIRCUIT BREAKER
TRIPS
1.8µA
1.8µA
4221 F07
1.8µA
105µA
105µA
105µA
ILOAD1
ILOAD2
VFILTER
VGATE
1.24V
1.8µA
SLOW
COMPARATOR
TRIP
SLOW
COMPARATOR
TRIP
SLOW
COMPARATOR
TRIP
Figure 6. A Continuous Fault Timing
1.24V
12
NORMAL
SLOW
COMPARATOR
TRIP
VFILTER
CIRCUIT BREAKER TRIPS.
GATE1, GATE2 AND
FAULT PULL LOW
1.8µA
1.8µA
4221 F06
1.8µA
105µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com