Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 11Page - Linear Technology LTC4221IGN Datasheet HTML 12Page - Linear Technology LTC4221IGN Datasheet HTML 13Page - Linear Technology LTC4221IGN Datasheet HTML 14Page - Linear Technology LTC4221IGN Datasheet HTML 15Page - Linear Technology LTC4221IGN Datasheet HTML 16Page - Linear Technology LTC4221IGN Datasheet HTML 17Page - Linear Technology LTC4221IGN Datasheet HTML 18Page - Linear Technology LTC4221IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC4221
4221f
generate a logic high output to indicate that VOUT is valid.
An internal high-to-low glitch filter helps to prevent nega-
tive voltage transients on each FB pin from deasserting its
PWRGD. The relationship between glitch filter time and an
FB pin transient voltage is shown in Figure 4. Using the
functionality of the PWRGD1 pin, the LTC4221 can be
configured to do sequential power-up and power-down as
shown by the circuit in Figure 5. Referring back to Figure 3,
ON2 is held low until VOUT1 ramps high enough for FB1 to
exceed its undervoltage threshold at time point 5 when
PWRGD1 ramps up, pulling ON2 high. At time point 7, the
control logic sees ON2 exceeding its off threshold and so
commences a start-up cycle for channel 2. Similarly, when
ON1 is forced low by Q2 at time point 9, GATE1 is pulled
low by its 100µA pull-down while ON2 is held high by the
R4 pull-up on PWRGD1. Its is only when channel 1 is
powered off and VOUT1 discharges below its undervoltage
threshold at time point 10 that PWRGD1’s internal
N-channel MOSFET pull-down is triggered and ON2 goes
low. At time point 11, ON2 trips its off threshold and
GATE2 pulls low with a 100µA pull-down, powering off
channel 2.
For VOUT overvoltage detection, each FB pin has an over-
voltage comparator with a low-to-high threshold of 0.822V
and a low-to-high glitch filter of 18µs. This threshold is
designed to be 33% higher than the undervoltage thresh-
old. If either FB pin trips this threshold, the fault latch is set,
all GATE pins are pulled low with internal NFET pull-downs
and the LTC4221 goes into a fault state.
In the third function, each FB pin is used to control its
channel’s current limit during its start-up cycle. This will
be featured in the Start-Up Cycle with Current Limit
section.
GATE Pin Functions
Each GATE pin controls the gate of its channel’s external
N-channel MOSFET. Individual internal charge pumps
powered by VCC1 guarantee a gate drive of minimum 4.5V
and maximum 18V (internally clamped) for GATE1 and
GATE2. During UVLO, the internal charge pumps are off
and both GATE pins are pulled low by internal N-channel
MOSFET pull-downs. Outside UVLO, when ON1 is below
its off threshold, the charge pumps are on and GATE1 is
held low by an internal 100µA current pull-down. Once
APPLICATIO S I FOR ATIO
+
VCC1
ON1
SENSE1
ON2
PWRGD1
RF2
15k
LTC4221*
GATE1
FB1
4221 F05
1
16
6
10
9
CTIMER
1µF
GND
TIMER
RF1
56k
VOUT1
3.3V
5A
VOUT2
2.5V
5A
Q1
IRF7413
RSENSE1
0.004Ω
CLOAD1
Z1
Q2: 2N7002LT1
Z1: SMAJ10
* ADDITIONAL DETAILS
OMITTED FOR CLARITY
RX1
10Ω
CX1
100nF
R4
10k
R2
2k
Q2
R1
10k
R6
10k
R5 10Ω
R3 10k
LONG
VCC1
LONG
PCB EDGE
CONNECTOR
(MALE)
SHORT
SHORT
BACKPLANE
CONNECTOR
(FEMALE)
LONG
VCC2
ON/OFF
Figure 5. Using PWRGD1 to Configure Sequential Power-Up/Power-Down
FEEDBACK TRANSIENT (mV)
40
60
80
20
50
70
30
10
0
0
20 40 60 80 100 120 140 160 180 200
4221 F04
TA = 25°C
Figure 4. FB Comparator Glitch Filter
Time vs Feedback Transient Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com