Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4221IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4221IGN
Description  Dual Hot Swap Controller/ Power Sequencer with Dual Speed, Dual Level Fault Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4221IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4221IGN Datasheet HTML 20Page - Linear Technology LTC4221IGN Datasheet HTML 21Page - Linear Technology LTC4221IGN Datasheet HTML 22Page - Linear Technology LTC4221IGN Datasheet HTML 23Page - Linear Technology LTC4221IGN Datasheet HTML 24Page - Linear Technology LTC4221IGN Datasheet HTML 25Page - Linear Technology LTC4221IGN Datasheet HTML 26Page - Linear Technology LTC4221IGN Datasheet HTML 27Page - Linear Technology LTC4221IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC4221
4221f
APPLICATIO S I FOR ATIO
Figure 16. Recommended Layout for LTC4221 RSENSE, Power MOSFETs and Feedback Networks
G
W
•
•
•
•
•
•
•
•
•
•
POWER MOSFET
SO-8
POWER MOSFET
SO-8
NOTE: DRAWING IS NOT TO SCALE
*ADDITIONAL DETAILS OMITTED FOR CLARITY
RSENSE2
RSENSE1
TRACK WIDTH W
CURRENT FLOW
TO LOAD
CHANNEL 2
OUTPUT
S
S
S
RF3
RF4
VIAS
BOTTOM LAYER
AND GND TRACE
VIAS
GND
TO
LOAD
D
D
D
D
LTC4221*
G
S
S
S
D
D
D
D
RF2
RF1
4221 F16
R4
R3
R1
CX1
R2
Z1
RX1
RX2
Z2
CX2
W
CHANNEL 2
INPUT
CHANNEL 1
OUTPUT
CHANNEL 1
INPUT
GND
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
CURRENT FLOW
TO LOAD
W
CTIMER
CFILTER
APPE DIX
Table 1 lists some current sense resistors that can be used
with the circuit breaker. Table 2 lists some power MOSFETs
that are available. Table 3 lists the web sites of several
manufacturers. Since this information is subject to change,
please verify the part numbers with the manufacturer.
Table 1. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R050
0.05Ω 0.5W 1% Resistor
IRC-TT
2A
LR120601R025
0.025Ω 0.5W 1% Resistor
IRC-TT
2.5A
LR120601R020
0.02Ω 0.5W 1% Resistor
IRC-TT
3.3A
WSL2512R015F
0.015Ω 1W 1% Resistor
Vishay-Dale
5A
LR251201R010F
0.01Ω 1.5W 1% Resistor
IRC-TT
10A
WSR2R005F
0.005Ω 2W 1% Resistor
Vishay-Dale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com