Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation USB97C201 Datasheet HTML 10Page - SMSC Corporation USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation USB97C201 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
SMSC DS – USB97C201
Page 12
Rev. 03/25/2002
PRELIMINARY
MISC
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
12Mhz Crystal or external clock input.
This pin can be connected to one terminal of
the crystal or can be connected to an external
12Mhz clock when a crystal is not used.
Crystal
Output
XTAL2
OCLKx
12Mhz Crystal
This is the other terminal of the crystal, or left
open when an external clock source is used to
drive XTAL1/CLKIN.
It may not be used to
drive any external circuitry other than the
crystal circuit.
Clock Output
CLKOUT
O8
This pin produces a 30Mhz clock signal
independent of the processor clock divider. It
is held inactive and low whenever the internal
processor
clock
is
stopped
or
is
being
obtained from the ring oscillator.
General
Purpose I/O
GPIO[0:7]
IO20
These general purpose pins may be used
either as inputs, edge sensitive interrupt
inputs, or outputs. In addition, GPIO0 has the
capability of auto-toggling at a 1Hz rate when
used as an output.
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 100ns wide.
Test input
nTest[0:2}
IP
These signals are used for testing the chip.
User
should
normally
leave
them
unconnected. For board testing, all pads
except these test inputs are included in an
XNOR chain, such that by tying nTEST2 low,
nIOR will reflect the toggling of a signal on
each pin. Circuit board continuity of the pin
solder connections after assembly can be
checked in this manner
POWER, GROUNDS, and NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference
NC
No Connect. These pins should not be
connected externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com