Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 58 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation USB97C201 Datasheet HTML 56Page - SMSC Corporation USB97C201 Datasheet HTML 57Page - SMSC Corporation USB97C201 Datasheet HTML 58Page - SMSC Corporation USB97C201 Datasheet HTML 59Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
SMSC DS – USB97C201
Page 58
Rev. 03/25/2002
PRELIMINARY
FIGURE 7 – 100 PIN QFP PACKAGE
MIN
NOMINAL
MAX
REMARKS
A
~
~
3.4
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
2.55
~
3.05
Body Thickness
D
23.65
~
24.15
X Span
D1
19.90
~
20.10
X body Size
E
17.65
~
18.15
Y Span
E1
13.90
~
14.10
Y body Size
H
0.11
~
0.23
Lead Frame Thickness
L
0.73
0.88
1.03
Lead Foot Length
L1
~
1.95
~
Lead Length
e
0.65 Basic
Lead Pitch
θθθθ
0
o
~7
o
Lead Foot Angle
W
0.20
~
0.40
Lead Width
R1
0.10
~
0.25
Lead Shoulder Radius
R2
0.15
~
0.40
Lead Foot Radius
ccc
~
~
0.10
Coplanarity
Notes:
1 Controlling Unit: millimeter.
2 Tolerance on the true position of the leads is ± 0.065 mm maximum
3 Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5 Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com