Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 27Page - SMSC Corporation USB97C201 Datasheet HTML 28Page - SMSC Corporation USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
SMSC DS – USB97C201
Page 31
Rev. 03/25/2002
PRELIMINARY
Table 28 – SIE Status Register
SIE_STAT
(0xB0 - RESET=0x00)
SIE STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
[7]
SET_STALL
R/W
Set to “1” if a SET_FEATURE_ENDPOINT_HALT command
is received on any endpoint by the SIE. Which endpoint is
STALLed can be determined by examining their CTL
registers.
6
CLR_STALL
R/W
Set
to
“1”
if
a
CLEAR_FEATURE_ENDPOINT_HALT
command is received on any endpoint by the SIE. Which
endpoint’s STALL condition is cleared can be determined
by examining their CTL registers.
5
SET_CONF
R/W
Set to “1” if a SET_CONFIGURATION command is received
on endpoint 0 by the SIE and the resulting configuration is
set and reported in the USB_CONFIG register.
4
Reserved
R
This read only bit always returns the value of “0”.
3
SET_INTF
R/W
Set to “1” if a SET_INTERFACE command is received on
endpoint 0 by the SIE.
2
Reserved
R-
This read only bit always returns the value of “0”.
1
SET_REMWU
R/W
Set
to
“1”
if
a
SET_FEATURE_REMOTE_WAKE_UP
command is received on endpoint 0 by the SIE.
0
CLR_REMWU
R/W
Set
to
“1”
if
a
CLEAR_FEATURE_ENDPOINT_REMOTE_WAKE_UP
command is received on endpoint 0 by the SIE.
Note: These bits are masked by the SIE_MSK register and OR’d to drive the INT3 interrupt line into the 8051 core.
They may be cleared writing a “1” to the bit location.
Table 29 – SIE Status Mask Register
SIE_MSK
(0xAE - RESET=0xFF)
SIE STATUS MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
[7]
SET_STALL
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
6
CLR_STALL
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
5
SET_CONF
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
4
Reserved
R
This read only bit always returns the value of “1”.
3
SET_INTF
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
2
Reserved
R
This read only bit always returns the value of “1”.
1
SET_REMWU
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
0
CLR_REMWU
R/W
1= Disable interrupt generation.
0= Enable interrupt generation.
Note: The mask bits do not prevent the status in the SIE_STAT register from being set, only from driving the INT3
line of the 8051 core high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com