Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 48 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
SMSC DS – USB97C201
Page 48
Rev. 03/25/2002
PRELIMINARY
6.3.6.3
Cyclic Redundancy Checking (CRC) Calculation
Cyclic Redundancy Checking (CRC-16) is used for error checking on Ultra ATA/66 transfers. The CRC value is
calculated for all data by both the USB97C201 and the IDE device over the duration of the DMA burst transfer
segment. This segment is defined as all data transferred with a valid STROBE edge from DACK assertion to nDACK
deassertion. At the end of the transfer burst segment, the USB97C201 will drive the CRC value onto the D[15:0]
signals. The value is then latched by the IDE device on deassertion of nDACK. The IDE device compares the
USB97C201 CRC value to its own and reports an error if there is a mismatch.
6.4
SRAM Buffers
1.25K Bytes of Buffer SRAM are provided. The Memory Map of the buffers are given below:
Table 64 –Buffer SRAM Mapping
SRAM ADDRESS
BUFFER DESCRIPTION
0x300 – 0x4FF
SRAM B 512 byte EP2/ATA buffer
0x100 – 0x2FF
SRAM A 512 byte EP2/ATA buffer
0x0C0 – 0x0FF
64 Byte EP1 TX Buffer
0x080 – 0x0BF
64 Byte EP1 RX Buffer
0x040 – 0x07F
64 Byte EP0 TX Buffer
0x000 – 0x03F
64 Byte EP0 RX Buffer
Note: The above SRAM address in the table refers to the BYTE location within the SRAM. The SRAM is actually
physically organized as a 32 bit wide memory.
The buffers used for EP2 is organized as two 512 byte buffers: A and B. The A buffer has its address starting at
0X100, while the B is at address 0X300.. Byte counts for data received or to be transmitted is contained in the
RAMWRBC_A/B and RAMRDBC
_A/B register sets, respectively. The direction of data flow is determined by the DIR
bit in the EP2 Control register. If DIR=0 then data flow is from the SIE to SRAM and from the SRAM to the ATA
interface. If DIR=1 the data flow is in the opposite direction. Unlike EP0 and EP1, data for both directions can not be
simultaneously buffered in the SRAM for EP2. However, the dual buffers and automatic transfer operation (see
Section 6.9) allow for sustained 480Mbps transfers across the USB97C201.
6.5
8051 Options
The following 8051 core options are included:
256 SRAM in SFR space
Three timers
Single serial port
Extended external inputs (INT2-13)
External program memory and external data bus (XDATA) are pinned out as a common bus.
6.6
Address Multiplexing
Access to the SRAM for the three access points, ie SIE, ATA DMA, or 8051, is via a time division multiplexing
scheme (See Section 6.7). Each of the above blocks have access to read or write the SRAM during one of four sub-
periods (the fourth period being reserved for future expansion/idle) of a four phase 15 Mhz clock( ie 60 Mhz slice
clock). The values set in the EPx_BUFx , and IN_BUFx, or OUT_BUFx (depending on the direction set for EP2)
control the address counter for accesses by the EPs during their time-slice.
The IN_BUFx or OUT_BUFx (again,depending on the direction of EP2) controls the address for ATA access and
SRAM_ADDx does so for the 8051 accesses.
Which endpoint has access during the SIE’s time-slice is determined by the SIE, ie depending on what endpoint is
currently active on the USB bus. Since accesses occur at 15Mhz using DWORDs (32bits), this process is capable of
real time concurrency with the USB bus and does not require additional buffering in the SIE. Even if a received
packet is ultimately discarded, all that is required to do so is simply not generate the completion interrupt for that
endpoint. Similarly for the transmit process, allowing re-transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com