Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 23Page - SMSC Corporation USB97C201 Datasheet HTML 24Page - SMSC Corporation USB97C201 Datasheet HTML 25Page - SMSC Corporation USB97C201 Datasheet HTML 26Page - SMSC Corporation USB97C201 Datasheet HTML 27Page - SMSC Corporation USB97C201 Datasheet HTML 28Page - SMSC Corporation USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
SMSC DS – USB97C201
Page 27
Rev. 03/25/2002
PRELIMINARY
Table 20 – SRAM Address Register 2
SRAM_ADD2
(0XA2- RESET=0x00)
SRAM ADDRESS REGISTER 2
BIT
NAME
R/W
DESCRIPTION
[7:3]
Reserved
R
These bits always read “0”.
[2:0]
SRAM_ADD
[10:8]
R/W
This register contains upper bits
of the address in the buffer
RAM
that
the
SRAM_DATA
register reads or writes.
Note: These registers will auto increment upon each read or write to the SRAM_DATA register.
6.1.4.3
MCU Power Management Registers
Table 21 - MCU Clock Source Select
CLOCK_SEL
(0XA5 - RESET=0x40)
MCU CLOCK SOURCE SELECT
BIT
NAME
R/W
DESCRIPTION
7
SLEEP
R/W
When PCON. 0 = 1 and SLEEP has been set to 1, the
ring oscillator will be gated off, then all oscillators will be
turned off for maximum power savings.
6
ROSC_EN
R/W
0 = Ring Oscillator Disable.
1 = Ring Oscillator Enable. ROSC_EN must be set to 1
before the MCU can be switched to the internal Ring
Oscillator Clock source.
5
MCUCLK_SRC
R/W
MCUCLK_SRC overrides MCUCLK_x clock select and
switches the MCU to the Ring Oscillator.
0 = Use Ring Oscillator. ROSC_EN must be enabled by
the MCU first.
1 = Use clock specified in MCU_CLK_[1:0]
[4:3]
MCU_CLK[1:0]
R/W
[4:3] = 00: 3.75MHz
[4:3] = 01: 7.5MHz
[4:3] = 10: 15MHz
[4:3] = 11: 30MHz
2
CLKVALID
R
Reflects the state of the PHY CLKVALID signal. When 1,
indicates that the internal clocks are stable and can be
used instead of the ring oscillator.
1:0]
Reserved
R
Always reads “0”.
Note 1: The 8051 may program itself to run off of an internal Ring Oscillator having a frequency range between 8 and
24MHz. This is not a precise clock, but is meant to provide the 8051 with a clock source, without running the
30MHz crystal oscillator or the PLL
Note 2: Switching between fast and slow clocks is recommended to save power.
Note 3: Clock switching can be done on the fly as long as both clocks are running. When switching, it takes a total of
six clocks (3 clocks of the original clock plus 3 clocks of the switching clock) to guarantee the switching.
Note 4: Time TBD is required from ROSC_EN=1 to MCUCLK_SRC=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com