Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 34 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation USB97C201 Datasheet HTML 36Page - SMSC Corporation USB97C201 Datasheet HTML 37Page - SMSC Corporation USB97C201 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
SMSC DS – USB97C201
Page 34
Rev. 03/25/2002
PRELIMINARY
EP2_CTL
(0xB4 - RESET=0x00)
ENDPOINT 2 CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
W
Writing a “0” to this bit will begin the output of the 512 byte
SRAM
A buffer to either the SIE or the ATA interface,
depending on the value of the DIR bit in this register, while
writing a “1” will begin outputing of SRAM B buffer. See
Sections 6.4, 6.5, and 6.9 for more information. The
RAMRDBC_A and RAMRDBC_B Registers determine how
many bytes will be output from either the A or B SRAM
buffer, respectively. Writing this bit to a “1” will clear the
RAMRD_B bit in the ISR_0 register, while writing it to “0” will
clear the RAMRD_A bit in that register.
4
RAMRD_
TOGGLE
R
Upon reads, this bit will reflect the current or last buffer
being read (1=B, 0=A).
3
STALL_
RX
R/W
When set to a “1”, EP2 RX will respond with the STALL
handshake to all tokens. . Either the internal SIE or the user
may set this bit. This bit is only cleared when a SET
FEATURE
ENDPOINT
2RX
CLEAR
or
SET
CONFIGURATION command is received on EP0 from the
host, or by a USB reset.
2
STALL_TX
R/W
When set to a “1”, EP2 TX will respond with the STALL
handshake to all tokens. . Either the internal SIE or the user
may set this bit. This bit is only cleared when a SET
FEATURE
ENDPOINT
2TX
CLEAR
or
SET
CONFIGURATION command is received on EP0 from the
host, or by a USB reset.
1
RAMRD_
TOGVALID
R/W
This bit always reads “0”. If this bit is set to a “1” when
writes to this register occur, then the value of bit 4 written to
this register will have effect. If cleared, then the values of bit
4, when this register is written, is ignored.
0
ENABLE
R
Reads “1” if EP2 is enabled by the SIE in either direction.
Notes:
If the DIR bit is changed, then the RAMWR_TOGGLE bit must be written by the user to assure that the proper
buffer is selected. The user can NOT rely on reading the value of this bit to determine which buffer is active
immediately after changing the DIR bit.
Bit 2, above, will set the STALL condition for both TX and RX directions of EP2. If the host clears the stall in
either direction, then both direction’s STALL condition will be cleared. Bit 3 above will be reserved and always
read a “0”.
Table 36 – Endpoint 0 Receive Byte Count Register
EP0RX_BC
(0xB5 - RESET=0x00)
ENDPOINT 0 RECEIVE BYTE COUNT REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
64BYTE
R
1 = Indicates that 64 Bytes were received.
[5:0]
COUNT
R
Indicates the byte count of the packet received on EP0 and
stored in SRAM beginning at address 0x0000.
Note: This register is updated at the end of a transfer and is actually the least significant bits of the ending address
in the SRAM buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com