Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 5Page - SMSC Corporation USB97C201 Datasheet HTML 6Page - SMSC Corporation USB97C201 Datasheet HTML 7Page - SMSC Corporation USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation USB97C201 Datasheet HTML 10Page - SMSC Corporation USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
SMSC DS – USB97C201
Page 9
Rev. 03/25/2002
PRELIMINARY
4.0 BLOCK DIAGRAM
Address
USB 2.0 PHY
( Transceiver )
FAST 8051
CPU CORE
ATA-66
Interface
MEM/IO Bus
29pins
GPIO
8 pins
Configuration and Control
Clock Generation
SIE
( Serial Interface Engine )
Program Memory/ IO
Bus
Interrupt Controller
Latch phase 0
Latch phase 1
Latch phase 2
60MHz
32 Bit
Future phase 3
Osc
Address
64 Bytes EP0TX
64 Bytes EP0RX
64 Bytes EP1TX
64 Bytes EP1RX
Auto address generators
Data @ 32 bit
15MHz
SIE Control Regs
Address
Address
Address
Address
Address
EP0RX_BC
EP1RX_BC
RAMRD_A/B
EP0TX_BC
RAMWR_A/B
ATA/ATAPI
Drive
32 bit 15MHz Data Buss
CLOCKOUT
12 MHz
OPTIONAL
External PHY
512 Bytes EP2 TX/RX Buffer A
1.25KB
SRAM
768 Byte
Program/Scratchpad
SRAM
Granted SRAM access
during Phase 0
Granted SRAM access during Phase 1
Granted SRAM access
during Phase 2
EP1TX_BC
512 Bytes EP2 TX/RX Buffer B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com