Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation USB97C201 Datasheet HTML 36Page - SMSC Corporation USB97C201 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
SMSC DS – USB97C201
Page 33
Rev. 03/25/2002
PRELIMINARY
EP1RX_CTL
(0xB2 - RESET=0x00)
ENDPOINT 1 RECEIVE CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
RESET clears this bit. Writing a “0” to this bit has no effect.
1
Reserved
R
This bit always reads “0”.
0
ENABLE
R/W
EP1 Receive is enabled in the SIE if this bit is set to a “1”,
otherwise, it is disabled.
Table 34 – Endpoint 1 Transmit Control Register
EP1TX_CTL
(0xB3 - RESET=0x00)
ENDPOINT 1 TRANSMIT CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
Reserved
R
This bit always reads “0”.
5
Reserved
R
This bit always reads “0”.
4
TX
R/W
When written with a “1”, allows the SIE to transfer data from
the buffer SRAM to EP1. Until the transmission or reception
is complete, OUT will be NAK’d. It is cleared by the SIE
when transmission of the packet has been completed.
3
Reserved
R
This bit always reads “0”.
2
STALL
R/W
When set to a “1”, EP1 TX will respond with the STALL
handshake to IN tokens. . Either the internal SIE or the user
may
set
this
bit.
Receipt
of
a
“CLEAR
FEATURE
ENDPOINT CLEAR” command for this endpoint or USB
RESET clears this bit. Writing a “0” to this bit has no effect.
1
Reserved
R
This bit always reads “0”.
0
ENABLE
R
EP1 Transmit is enabled in the SIE if this bit is set to a “1”,
otherwise, it is disabled.
Table 35 – Endpoint 2 Control Register
EP2_CTL
(0xB4 - RESET=0x00)
ENDPOINT 2 CONTROL REGISTER
BIT
NAME
R/W
DESCRIPTION
7
DIR
R/W
Setting this bit to a “1” indicates that the data flow is from
the ATA interface to the SIE, a “0” indicates the opposite
direction. When a “1”, the SIE will set the EP2_ERR bit in
the USB_STATUS register if an OUT token is received.
When a “0”, the EP2_ERR bit set if the SIE receives an IN
token.
6RAMWR_
TOGVALID
R/W
If this bit is set to a “1” when writes to this register occur,
then the value of bit 5 written to this register will have effect.
If cleared, then the values of bit 5, when this register is
written, is ignored. This bit always returns “0” on reads.
5RAMWR_
TOGGLE
R/W
Writing a “0” to this bit will enable writing of the 512 byte
SRAM A buffer and clear the RAMWRBC_A1/2 registers,
while writing a “1” will select loading of the SRAM B buffer
and clear the RAMWRBC_B1/2 registers. This bit indicates
which interleaved buffer is currently or was last written with
data. The RAMWRBC_A and RAMWRBC_B Registers
contain the byte counts for the last write to the A and B
input buffers, respectively. See Sections 6.4, 6.5, and 6.9
for more information. To avoid interrupting a transfer that is
in progress, it is important not to write this bit until it is
completed. Note that if AutoToggle mode is enabled by bit 3
of the ATA_CTL register, this bit will reflect that current
buffer being written(1=B, 0=A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com