Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation USB97C201 Datasheet HTML 16Page - SMSC Corporation USB97C201 Datasheet HTML 17Page - SMSC Corporation USB97C201 Datasheet HTML 18Page - SMSC Corporation USB97C201 Datasheet HTML 19Page - SMSC Corporation USB97C201 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
SMSC DS – USB97C201
Page 16
Rev. 03/25/2002
PRELIMINARY
6.1.3
MCU BLOCK REGISTER SUMMARY
Table 4 - MCU Block Register Summary
(These registers are external to the 8051 design core)
ADDRESS
NAME
R/W
DESCRIPTION
PAGE
RUNTIME REGISTERS
80
ISR_0
R/W
INT0 Source Register
19
93
IMR_0
R/W
INT0 Mask Register
20
90
ISR_1
R/W
INT1 Source Register
20
94
IMR_1
R/W
INT1 Mask Register
21
95
DEV_REV
R
Device Revision Register
21
96
DEV_ID
R
Device ID Register
21
UTILITY REGISTERS
97
GPIO_DIR
R/W
GPIO Direction Register
22
9A
GPIO_OUT
R/W
GPIO Data Output Register
24
9B
GPIO_IN
R
GPIO Data Input Register
24
C0
GPIO_IRQ
R/W
GPIO Interrupt Status Register (INT4)
24
9C
GPIO_MSK
R/W
GPIO Interrupt Mask Register (INT4)
25
9D
UTIL_CONFIG
R/W
Miscellaneous Configuration Register
26
9F
SRAM_DATA
R/W
SRAM Data Port Register
26
A1
SRAM_ADD1
R/W
SRAM Address 1 Register
26
A2
SRAM_ADD2
R/W
SRAM Address 2 Register
27
POWER MANAGEMENT REGISTERS
A5
CLOCK_SEL
R/W
8051 Clock Select Register
27
A0
WU_SRC_1
R/W
Wakeup Source 1 Register (INT2)
28
A6
WU_MSK_1
R/W
Wakeup Mask 1 Register (INT2)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com