Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 26Page - SMSC Corporation USB97C201 Datasheet HTML 27Page - SMSC Corporation USB97C201 Datasheet HTML 28Page - SMSC Corporation USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation USB97C201 Datasheet HTML 31Page - SMSC Corporation USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
SMSC DS – USB97C201
Page 30
Rev. 03/25/2002
PRELIMINARY
Table 26 - USB Bus Status Register
USB_STAT
(0xAB - RESET=0x00)
USB BUS STATUS REGISTER
BIT
NAME
R/W
DESCRIPTION
[7]
Reserved
R
This bit always reads “0”.
6
EP2_ERR
R/W
1 = Indicates that a token in the opposite direction inferred
by the DIR bit of EP2_CTL register was received, ie an
unexpected IN or OUT token.
5
2.0
R/W
1 = Host is high speed capable. This bit is set if high speed
signaling is received from the host.
4
USB_RESUME
R/W
1 = Indicates that RESUME signaling has been detected.
This is only valid if the USB97C201 is in the SUSPEND
state via bit 0 of the SIE_CONF register.
3
USB_RESET
R/W
1 = Indicates that a USB Reset has been detected.
2
ERROR
R
1 = Indicates that a USB Error has been detected. See the
USB_ERR register for details. This bit is cleared by clearing
the USB_ERR register.
1
Reserved
R
This bit always reads “0”.
0
Reserved
R
This bit always reads “0”.
The bits in this register (except bit 2) are cleared by writing a ‘1’ to the corresponding bit. These bits are ORed, if
unMASKED in the USB_MSK register, and drive a latch for the USB_STAT bit in the ISR_0 register.
Table 27 – USB Bus Status Mask Register
USB_MSK
(0xAC - RESET=0xFF)
USB BUS STATUS MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
[7]
Reserved
R
This bit always reads “1”.
6
EP2_ERR
R/W
1 = Prevents generation of the USB_STAT bit in the ISR_0
register when the EP2_ERR bit is set in the USB_STAT
register.
5
2.0
R/W
1 = Prevents generation of the USB_STAT bit in the ISR_0
register when the 2.0 bit is set in the USB_STAT register.
4
USB_RESUME
R/W
1 = Prevents generation of the USB_STAT bit in the ISR_0
register when
the
USB_RESUME
bit
is
set
in
the
USB_STAT register.
3
USB_RESET
R/W
1 = Prevents generation of the USB_STAT bit in the ISR_0
register when the USB_RESET bit is set in the USB_STAT
register.
2
ERROR
R/W
1 = Prevents generation of the USB_STAT bit in the ISR_0
register when the ERROR bit is set in the USB_STAT
register.
1
Reserved
R
This bit always reads “1”.
0
Reserved
R
This bit always reads “1”.
Note1: The mask bits do not prevent the status in the USB_STAT register from being set, only from setting the
USB_STAT bit in the ISR_0 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com