Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 57 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation USB97C201 Datasheet HTML 56Page - SMSC Corporation USB97C201 Datasheet HTML 57Page - SMSC Corporation USB97C201 Datasheet HTML 58Page - SMSC Corporation USB97C201 Datasheet HTML 59Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
SMSC DS – USB97C201
Page 57
Rev. 03/25/2002
PRELIMINARY
9.0 PACKAGING
FIGURE 6 - 100 PIN TQFP PACKAGE
MIN
NOMINAL
MAX
REMARK
A
~
~
1.60
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
13.80
14.00
14.20
X Span
D/2
6.90
7.00
7.10
1/
2 X Span Measure from Centerline
D1
11.80
12.00
12.20
X body Size
E
13.80
14.00
14.20
Y Span
E/2
6.90
7.00
7.10
1/
2 Y Span Measure from Centerline
E1
11.80
12.00
12.20
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length from Centerline
L1
~
1.00
~
Lead Length
e
0.40 Basic
Lead Pitch
θ
0
o
3.5
o
7
o
Lead Foot Angle
W
0.13
0.16
0.23
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.20
Lead Foot Radius
ccc
~
~
0.08
Coplanarity
Notes:
Note 1: Controlling Unit: millimeter
Note 2: Minimum space between protrusion and an adjacent lead is .007 mm.
Note 3: Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25
mm
Note 5: Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com