Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 47 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 43Page - SMSC Corporation USB97C201 Datasheet HTML 44Page - SMSC Corporation USB97C201 Datasheet HTML 45Page - SMSC Corporation USB97C201 Datasheet HTML 46Page - SMSC Corporation USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
SMSC DS – USB97C201
Page 47
Rev. 03/25/2002
PRELIMINARY
NAME
CYCLE
CYCLE
IDE_nIOW
STOP
STOP
IDE_nIOR
nDMARDY
STROBE
IORDY
STROBE
nDMARDY
Note:
“Ultra ATA/66 Read Cycle”: Data transfers are from the IDE device to the USB97C201.
“Ultra ATA/66 Write Cycle”: Data transfers are from the USB97C201 to the IDE device.
6.3.6
ULTRA ATA/66 OPERATION
After initialization, there are two primary operations provided by the Ultra ATA/66 controller: data transfers and cyclic
redundancy checking (CRC).
6.3.6.1
Initialization
Initialization includes enabling and performing proper set up on the USB97C201and the IDE device. For the
USB97C201, it is necessary to enable Ultra ATA/66 mode for the IDE device and setting up the Ultra ATA/66 cycle
timings through the ATA_DMA register. The USB97C201 supports five timing modes: Mode 0 (120ns cycle time),
Mode 1 (80 ns cycle time), Mode 2 (60ns cycle time), Mode 3 (45ns cycle time), and Mode 4 (30ns cycle time).
6.3.6.2
Data Transfer Operation
The USB97C201 and the Ultra ATA compatible IDE device control the transfer via the Ultra ATA protocol. The
actual data transfer consists of three phases, a start-up phase, a data transfer phase, and a burst termination phase.
1)
Start-Up Phase: The IDE device begins the start-up phase by asserting DRQ signal. When ready to begin the
transfer, the USB97C201 will assert nDACK.
When nDACK is asserted, the USB97C201 will drive CS0/1
inactive, and A0-A2 low.
For Write cycles, the USB97C201 will deassert STOP, wait for the IDE device to assert nDMARDY and then
drive the first data word and the STROBE signal.
For Read cycles, the USB97C201will tristate the data lines, deassert STOP, and assert nDMARDY. The
IDE device will then drive the first data word and the STROBE signal.
2)
Data-Transfer Phase: The burst data transfer continues with the data source (Writes: USB97C201, Reads: IDE
devices) providing data and toggling STROBE. Data is transferred (latched by receiver) on each rising and
falling edge of STROBE.
The source can pause the burst stream by holding STROBE high or low, resuming the burst stream by
again toggling STROBE.
The receiver can pause the burst stream by negating the nDMARDY and resumes the transfers by
asserting nDMARDY.
The USB97C201 may pause a burst transaction in order to toggle internal data buffer, or to prevent a buffer over or
under flow condition, resuming once the condition has cleared.
1)
Termination Phase: Either the source or the receiver can terminate a burst transfer. A burst termination
consists of a Stop Request, Stop Acknowledge and transfer of CRC data.
The USB97C201 can stop a burst by asserting STOP, with the IDE device acknowledged by deasserting
DRQ.
The IDE device stops a burst by deasserting DRQ and the USB97C201 acknowledges by asserting STOP.
The source then drives the STROBE signal to a high level. The USB97C201 then drive the CRC value onto
the data lines and deassert nDACK. The IDE devices will latch the CRC value on the rising edge of nDACK.
The USB97C201 will terminate a burst transfer if a Programmed I/O (PIO) cycle is executed to the IDE channel
currently running the burst, or upon transferring the last data from the final PRD.
At the completion of the entire transfer process, the IDE device will issue an interrupt, setting the ATA_IRQ bit and
forcing the remaining data to be sent to host on read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com