Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 23 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 19Page - SMSC Corporation USB97C201 Datasheet HTML 20Page - SMSC Corporation USB97C201 Datasheet HTML 21Page - SMSC Corporation USB97C201 Datasheet HTML 22Page - SMSC Corporation USB97C201 Datasheet HTML 23Page - SMSC Corporation USB97C201 Datasheet HTML 24Page - SMSC Corporation USB97C201 Datasheet HTML 25Page - SMSC Corporation USB97C201 Datasheet HTML 26Page - SMSC Corporation USB97C201 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
SMSC DS – USB97C201
Page 23
Rev. 03/25/2002
PRELIMINARY
GPIO0
GPIO0 data out
RXD "Uart P3.0"
GPIO0 DIR
GPIO0 data in
0
1
S
"0"
GPIO1
0
1 S
GPIO1 data out
TXD "Uart P3.1"
GPIO1 DIR
GPIO1 data in
0
1
S
TBD
8051 "T1 timer P3.5"
GPIO3
GPIO3 data out
GPIO3 DIR
GPIO3 data in
0
1
S
Mux Enable
8051 "T0 timer P3.4"
TBD
GPIO2
GPIO2 data out
GPIO2 DIR
GPIO2 data in
GPIO[7:5]
GPIO Direction Bit
GPIO in data
GPIO out data
GPIO4/
nW E
0
1 S
GPIO4 data out
IDE_nIOW
GPIO4 DIR
GPIO4 data in
Edge Detector
Edge Detector
Edge Detector
Edge Detector
Edge Detector
Mux Enable
Mux Enable
Mux Enable
1 Hz
gate
Enable
Mux Enable
FIGURE 2 - GPIO MUXING BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com