Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 31Page - SMSC Corporation USB97C201 Datasheet HTML 32Page - SMSC Corporation USB97C201 Datasheet HTML 33Page - SMSC Corporation USB97C201 Datasheet HTML 34Page - SMSC Corporation USB97C201 Datasheet HTML 35Page - SMSC Corporation USB97C201 Datasheet HTML 36Page - SMSC Corporation USB97C201 Datasheet HTML 37Page - SMSC Corporation USB97C201 Datasheet HTML 38Page - SMSC Corporation USB97C201 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
SMSC DS – USB97C201
Page 35
Rev. 03/25/2002
PRELIMINARY
Table 37 – Endpoint 0 Transmit Byte Count Register
EP0TX_BC
(0xB6 - RESET=0x00)
ENDPOINT 0 TRANSMIT BYTE COUNT REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
64BYTE
R/W
1 = Indicates that 64 Bytes are to be transmitted.
[5:0]
COUNT
R/W
Indicates the byte count of the packet to be sent on EP0
and stored in SRAM beginning at address 0x0040.
Note: A zero length packet may be sent by just clearing this register and setting the TX bit in the EP0TX_CTL
register.
Table 38 – Endpoint 1 Receive Byte Count Register
EP1RX_BC
(0xB7 - RESET=0x00)
ENDPOINT 1 RECEIVE BYTE COUNT REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
64BYTE
R
1 = Indicates that 64 Bytes were received.
[5:0]
COUNT
R
Indicates the byte count of the packet received on EP1 and
stored in SRAM beginning at address 0x0080.
Notes:
This register is updated at the end of a transfer and is actually the least significant bits of the ending address in
the SRAM buffer.
This register is cleared if a SETUP packet is received on EP0.
Table 39 – Endpoint 1 Transmit Byte Count Register
EP1TX_BC
(0xC7 - RESET=0x00)
ENDPOINT 1 TRANSMIT BYTE COUNT REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads “0”.
6
64BYTE
R/W
1 = Indicates that 64 Bytes are to be transmitted.
[5:0]
COUNT
R/W
Indicates the byte count of the packet to be sent on EP1
and stored in SRAM beginning at address 0x00C0.
Note: A zero length packet may be sent by just clearing this register and setting the TX bit in the EP1TX_CTL
register.
Table 40 – RAM Buffer Write Byte Count Register A1
RAMWRBC_A1
(0xCE - RESET=0x00)
RAM BUFFER WRITE BYTE COUNT REGISTER A1
BIT
NAME
R/W
DESCRIPTION
[7:2]
Reserved
R
This bit always reads “0”.
1
512Bytes
R
1 = Indicates that 512 bytes were transferred
0
COUNT8
R
Bit 8 of the byte count for the data transferred.
Table 41 – RAM BUFFER WRITE Byte Count Register A2 Register
RAMWRBC_A2
(0xCF- RESET=0x00)
RAM BUFFER WRITE BYTE COUNT REGISTER A2
BIT
NAME
R/W
DESCRIPTION
[7:0]
COUNT[7:0]
R
Bits 7 thru 0 the byte count of the data transferred to the
SRAM. The data is stored beginning at address 0x0100
Table 42 – RAM Buffer Write Byte Count Register B1
RAMWRBC_B1
(0xD1 - RESET=0x00)
RAM BUFFER WRITE BYTE COUNT REGISTER B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com