Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 55 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 55 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation USB97C201 Datasheet HTML 56Page - SMSC Corporation USB97C201 Datasheet HTML 57Page - SMSC Corporation USB97C201 Datasheet HTML 58Page - SMSC Corporation USB97C201 Datasheet HTML 59Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
SMSC DS – USB97C201
Page 55
Rev. 03/25/2002
PRELIMINARY
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I/O8 Type Buffer
Low Output Level
HIGH OUTPUT LEVEL
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @ VDDIO
= 3.3V
IOH = -4 mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12 mA @
VDDIO = 3.3V
IOH = -6mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
I/O20 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 20 mA @
VDDIO = 3.3V
IOH = -5 mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
IO-U
Note 2
Supply Current Unconfigured
ICCINIT
TBD
TBD
TBD
mA
@ VDD = 2.5V
Supply Current Active
ICC
60
100
mA
@ VDD = 2.5V
Supply Current Standby
ICSBY
µA
@ VDD = 2.5V
Note 1: Output leakage is measured with the current pins in high impedance.
Note 2: See Appendix A for USB DC electrical characteristics.
CAPACITANCE TA = 25°C; fc = 1MHz; VDD = 2.5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
All pins except USB pins
(and pins under test tied
to AC ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com