Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C201 Datasheet(PDF) 54 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation USB97C201 Datasheet HTML 56Page - SMSC Corporation USB97C201 Datasheet HTML 57Page - SMSC Corporation USB97C201 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
SMSC DS – USB97C201
Page 54
Rev. 03/25/2002
PRELIMINARY
7.0 DC PARAMETERS
MAXIMUM GUARANTEED RATINGS
Operating Temperature Range ...........................................................................................................................0
oC to +70oC
Storage Temperature Range ........................................................................................................................... -55
o to +150oC
Lead Temperature Range (soldering, 10 seconds).....................................................................................................+325
oC
Positive Voltage on any pin, with respect to Ground ........................................................................................................5.5V
Negative Voltage on any pin, with respect to Ground .................................................................................................... -0.3V
Maximum VDDA, VDDIO ..................................................................................................................................................... +3.0V
Maximum VDD, VDDP ........................................................................................................................................................ +4.0V
*Stresses above the specified parameters could cause permanent damage to the device. This is a stress rating only
and functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs when
the AC power is switched on or off. In addition, voltage transients on the AC power line may appear on the DC output.
When this possibility exists, it is suggested that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS (TA = 0°C - 70°C, VDDIO, VDDA = +3.3 V ± 10%, VDD, VDDP = +2.5 V ± 10%,)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
uA
mA
VIN = 0
VIN = VDDIO
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
uA
IOL = 8 mA @ VDDIO
= 3.3V
IOH = -4mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com