Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 25 of 52
Hex Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
37 EQ4_COEF1_LO
[7:0]
EQ4_COEF1_LO
0x00 RW
38 EQ4_COEF2_HI
[7:0]
EQ4_COEF2_HI
0x00 RW
39 EQ4_COEF2_LO
[7:0]
EQ4_COEF2_LO
0x00 RW
3A EQ4_COEF3_HI
[7:0]
EQ4_COEF3_HI
0x00 RW
3B EQ4_COEF3_LO
[7:0]
EQ4_COEF3_LO
0x00 RW
3C EQ4_COEF4_HI
[7:0]
EQ4_COEF4_HI
0x00 RW
3D EQ4_COEF4_LO
[7:0]
EQ4_COEF4_LO
0x00 RW
3E EQ5_COEF0_HI
[7:0]
EQ5_COEF0_HI
0x00 RW
3F EQ5_COEF0_LO
[7:0]
EQ5_COEF0_LO
0x00 RW
40 EQ5_COEF1_HI
[7:0]
EQ5_COEF1_HI
0x00 RW
41 EQ5_COEF1_LO
[7:0]
EQ5_COEF1_LO
0x00 RW
42 EQ5_COEF2_HI
[7:0]
EQ5_COEF2_HI
0x00 RW
43 EQ5_COEF2_LO
[7:0]
EQ5_COEF2_LO
0x00 RW
44 EQ5_COEF3_HI
[7:0]
EQ5_COEF3_HI
0x00 RW
45 EQ5_COEF3_LO
[7:0]
EQ5_COEF3_LO
0x00 RW
46 EQ5_COEF4_HI
[7:0]
EQ5_COEF4_HI
0x00 RW
47 EQ5_COEF4_LO
[7:0]
EQ5_COEF4_LO
0x00 RW
48 EQ6_COEF0_HI
[7:0]
EQ6_COEF0_HI
0x00 RW
49 EQ6_COEF0_LO
[7:0]
EQ6_COEF0_LO
0x00 RW
4A EQ6_COEF1_HI
[7:0]
EQ6_COEF1_HI
0x00 RW
4B EQ6_COEF1_LO
[7:0]
EQ6_COEF1_LO
0x00 RW
4C EQ6_COEF2_HI
[7:0]
EQ6_COEF2_HI
0x00 RW
4D EQ6_COEF2_LO
[7:0]
EQ6_COEF2_LO
0x00 RW
4E EQ7_COEF0_HI
[7:0]
EQ7_COEF0_HI
0x00 RW
4F EQ7_COEF0_LO
[7:0]
EQ7_COEF0_LO
0x00 RW
50 EQ7_COEF1_HI
[7:0]
EQ7_COEF1_HI
0x00 RW
51 EQ7_COEF1_LO
[7:0]
EQ7_COEF1_LO
0x00 RW
52 EQ7_COEF2_HI
[7:0]
EQ7_COEF2_HI
0x00 RW
53 EQ7_COEF2_LO
[7:0]
EQ7_COEF2_LO
0x00 RW
54 EQ_CTRL1
[7:0]
EQ_RESERVED
EQ_UPDING
EQ_UPD_CLR
EQ_FORMAT EQ_UPD
0x00 RW
55 EQ_CTRL2
[7:0] EQEN
EQBP7
EQBP6
EQBP5
EQBP4
EQBP3
EQBP2
EQBP1
0x00 RW
56 DRC_CTRL1
[7:0]
Reserved
DRCLELTAV
0x00 RW
57 DRC_CTRL2
[7:0]
PEAK_ATT
PEAK_REL
0x00 RW
58 DRC_CTRL3
[7:0]
DRC_ATT
DRC_DEC
0x00 RW
59 DRC_CURVE1
[7:0] Reserved
DRC_LT
0x00 RW
5A DRC_CURVE2
[7:0] Reserved
DRC_CT
0x00 RW
5B DRC_CURVE3
[7:0] Reserved
DRC_SMAX
0x00 RW
5C DRC_CURVE4
[7:0]
DRC_NT
DRC_ET
0x88 RW
5D DRC_CURVE5
[7:0]
RESERVED
DRC_SMIN
0x00 RW
5E DRC_HOLD_TIME [7:0]
DRCHTNG
DRCHTNOR
0x00 RW
5F DRC_RIPPLE_CTRL [7:0]
Reserved
DRCRRH
0x00 RW
60 DRC mode control [7:0] VBAT_EN
LIM_SRC
LIM_EN
COMP_EN
EXP_EN
NG_EN
DRC_EN
0x3C RW
61 FDSP_EN
[7:0]
Reserved
FDSP_EN
0x00 RW
80 SPK_PROT_EN
[7:0]
Reserved
SP_EN
0x00 RW
81 TEMP_AMBIENT
[7:0]
TEMP_AMBIENT
0x19 RW
82 SPKR_DCR
[7:0]
SPKR_DCR
0x40 RW
83 SPKR_TC
[7:0]
SPKR_TC
0x08 RW
84 SP_CF1_H
[7:0]
SP_CF1_H
0x3F RW
85 SP_CF1_L
[7:0]
SP_CF1_L
0x81 RW
86 SP_CF2_H
[7:0]
SP_CF2_H
0x00 RW
87 SP_CF2_L
[7:0]
SP_CF2_L
0x55 RW
88 SP_CF3_H
[7:0]
SP_CF3_H
0x01 RW
89 SP_CF3_L
[7:0]
SP_CF3_L
0x22 RW
8A SP_CF4_H
[7:0]
SP_CF4_H
0x02 RW
8B SP_CF4_L
[7:0]
SP_CF4_L
0x09 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com