Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 26 of 52
Hex Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
8C SPKR_TEMP
[7:0]
SPKR_TEMP
0x00 R
8D SPKR_TEMP_MAG [7:0]
SPKR_TEMP_MAG
0x00 R
8E
MAX_SPKR_TEMP [7:0]
MAX_SPKR_TEMP
0x64 RW
8F SPK_GAIN
[7:0]
SP_RR
SP_AR
0x44 RW
FF
SOFT_RST
[7:0]
SOFT_RST
0x00 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com