Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 47 of 52
FDSP_EN REGISTER
Table 142. Address: 0x61, Reset: 0x00, Name: FDSP_EN
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
Reserved
0x00
RW
0
FDSP_EN
FDSP enable
0x0
RW
0
Disable FDSP
1
Enable FDSP
SPK_PROT_EN REGISTER
Table 143. Address: 0x80, Reset: 0x00, Name: SPK_PROT_EN
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
Reserved
0x00
RW
0
SP_EN
Speaker protection enable
0x0
RW
0
Speaker protection disabled (default)
1
Speaker protection enabled
TEMP_AMBIENT REGISTER
Table 144. Address: 0x81, Reset: 0x19, Name: TEMP_AMBIENT
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TEMP_AMBIENT
Ambient temperature in degrees Celsius (8.0 integer format)
0x19
RW
0x19
25°C (default)
0x20
32°C
SPKR_DCR REGISTER
Table 145. Address: 0x82, Reset: 0x40, Name: SPKR_DCR
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPKR_DCR
Nominal speaker dc resistance in ohms (5.3 unsigned format)
0x40
RW
0x34
6.5 Ω
0x40
8 Ω (default)
SPKR_TC REGISTER
Table 146. Address: 0x83, Reset: 0x08, Name: SPKR_TC
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPKR_TC
Nominal speaker temperature coefficient, rise in ohms per degrees Celsius (0.8 fractional
format).
0x08
RW
0x08
0.033 Ω/°C (default)
0x0A
0.04 Ω/°C
SP_CF1_H REGISTER
Table 147. Address: 0x84, Reset: 0x3F, Name: SP_CF1_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF1_H
Default
Speaker Temperature Model Coefficient 1, Bits[15:8] in 0.8 fractional format
0x3F
RW
SP_CF1_L REGISTER
Table 148. Address: 0x85, Reset: 0x81, Name: SP_CF1_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF1_L
Default
Speaker Temperature Model Coefficient 1, Bits[7:0] in 0.8 fractional format
0x81
RW
SP_CF2_H REGISTER
Table 149. Address: 0x86, Reset: 0x00, Name: SP_CF2_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF2_H
Default
Speaker Temperature Model Coefficient 2, Bits[15:8] in 0.8 fractional format
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com