Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 51Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 48 of 52
SP_CF2_L REGISTER
Table 150. Address: 0x87, Reset: 0x55, Name: SP_CF2_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF2_L
Default
Speaker Temperature Model Coefficient 2, Bits[7:0] in 0.8 fractional format
0x55
RW
SP_CF3_H REGISTER
Table 151. Address: 0x88, Reset: 0x01, Name: SP_CF3_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF3_H
Default
Speaker Temperature Model Coefficient 3, Bits[15:8] in 0.8 fractional format
0x01
RW
SP_CF3_L REGISTER
Table 152. Address: 0x89, Reset: 0x22, Name: SP_CF3_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF3_L
Default
Speaker Temperature Model Coefficient 3, Bits[7:0] in 0.8 fractional format
0x22
RW
SP_CF4_H REGISTER
Table 153. Address: 0x8A, Reset: 0x02, Name: SP_CF4_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF4_H
Default
Speaker Temperature Model Coefficient 4, Bits[15:8] in 0.8 fractional format
0x02
RW
SP_CF4_L REGISTER
Table 154. Address: 0x8B, Reset: 0x09, Name: SP_CF4_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SP_CF4_L
Default
Speaker Temperature Model Coefficient 4, Bits[7:0] in 0.8 fractional format
0x09
RW
SPKR_TEMP REGISTER
Table 155. Address: 0x8C, Reset: 0x00, Name: SPKR_TEMP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPKR_TEMP
Speaker voice coil temperature status (8.0 integer format)
0x00
R
0x20
32°C
SPKR_TEMP_MAG REGISTER
Table 156. Address: 0x8D, Reset: 0x00, Name: SPKR_TEMP_MAG
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPKR_TEMP_MAG
Speaker magnet temperature status (8.0 integer format)
0x00
R
0x20
32°C
MAX_SPKR_TEMP REGISTER
Table 157. Address: 0x8E, Reset: 0x64, Name: MAX_SPKR_TEMP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
MAX_SPKR_TEMP
Maximum speaker voice coil temperature before gain reduction occurs,
8.0 integer format
0x64
RW
0x64
100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com