Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 29 of 52
Bits
Bit Name
Settings
Description
Reset
Access
[2:0]
SR
Sample rate selection
0x2
RW
000
11.025 kHz, 12 kHz
001
22.05 kHz, 24 kHz
010
44.1 kHz, 48 kHz
011
96 kHz
100
8 kHz
101
16 kHz
110
32 kHz
111
Reserved
SERIAL AUDIO INTERFACE CONTROL (SAI_FMT2) REGISTER
Table 51. Address: 0x03, Reset: 0x00, Name: SAI_FMT2
Bits
Bit Name
Settings
Description
Reset
Access
7
LPST
Small power stage enable
0x0
RW
0
Disabled
1
Enabled
[6:5]
LR_SEL
L/R channel selector
0x0
RW
00
Select left channel
01
Select right channel
10
Select (left + right)/2
11
Select (left − right)/2
4
LRCLK_MODE
LRCLK mode selection for TDM operation
0x0
RW
0
50% duty cycle LRCLK
1
Pulse mode LRCLK
3
LRCLK_POL
LRCLK polarity control
0x0
RW
0
Normal LRCLK operation
1
Inverted LRCLK operation
2
SAI_MSB
SDATA bit stream order
0x0
RW
0
MSB first SDATA
1
LSB first SDATA
1
BCLK_TDMC
BCLK cycles per frame in TDM modes select
0x0
RW
0
32 BCLK cycles per slot
1
16 BCLK cycles per slot
0
BCLK_EDGE
BCLK active edge select
0x0
RW
0
Rising BCLK edge used (if PDM_MODE = 1, L data is registered on the
rising edge, and R data is registered on the falling edge)
1
Falling BCLK edge used (if PDM_MODE = 1, R data is registered on the
rising edge, and L data is registered on the falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com